Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616M-R2R-503 Datasheet(PDF) 42 Page - Bourns Electronic Solutions

Part # 4616M-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616M-R2R-503 Datasheet(HTML) 42 Page - Bourns Electronic Solutions

Back Button 4616M-R2R-503 Datasheet HTML 38Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 39Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 40Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 41Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 42Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 43Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 44Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 45Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 46Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
4400T - Thin Film Wide Body Gull Wing
Specifications are subject to change without notice.
Isolated Resistors (1 Circuit)
Available in 16 and 20 Pin
Bussed Resistors (2 Circuit)
Available in 16 and 20 Pin
These models incorporate 8 or 10
thin-film resistors of equal value, each
connected between a separate pin.
Power Rating per Resistor........0.15 watt
Resistance Range .......10 to 150K ohms
These models incorporate 15 or 19
thin-film resistors of equal value, each
connected by a common pin.
Power Rating per Resistor........0.10 watt
Resistance Range .........10 to 75K ohms
1
ISOLATED RESISTORS
001 CIRCUIT
8
16
9
BUSSED RESISTORS
002 CIRCUIT
16
9
1
8
Product Characteristics
Resistance Range ........10 to 150K ohms
Resistance Tolerance
.............................±0.1%, ±0.5%, ±1%
Temperature Coefficient
....................±100ppm/°C, ±50ppm/°C,
±25ppm/°C
Temperature Range
...................................-55°C to +125°C
Insulation Resistance
..................10,000 megohms minimum
TCR Tracking ..........................±5ppm/°C
Maximum Operating Voltage.............50V
Environmental Characteristics
TESTS PER MIL-STD-202 .........
∆R MAX
Thermal Shock ............................... 0.1%
Short Time Overload ...................... 0.1%
Resistance to Soldering Heat ........ 0.1%
Moisture Resistance ...................... 0.5%
Life ................................................ 0.5%
Physical Characteristics
Lead Frame Material
..........................Copper, solder coated
Body Material Flammability
...........................Conforms to UL94V-0
Body Material ..................Novolac Epoxy
AMBIENT TEMPERATURE ( C )
°
0
70
150
2.00
1.75
1.50
1.25
1.00
.75
.50
25
125
4416T
4420T
Package Power Ratings at 70°C
4416T ......................................1.60 watts
4420T ......................................2.00 watts
8
° MAX.
7.493
± .076
(.295
± .003)
10.34
± .25
(.407
± .010)
.406
± .025
(.016
± .001)
12.95
± .05
(.510
± .002)
10.41
± .05
(.410
± .002)
1.27
± .076
(.050
± .003*)
TYP.
.127 + .127/ - .000
(.005 + .005/ - .000)
2.65
(.104)
MAX.
.305 + .000/ - .076
(.012 + .000/ - .003)
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
.94 + .33/ - .35
(.037 + .013/ - .014)
PIN ONE
INDICATOR
CIRCUIT
PART
NUMBER
MANUFACTURER'S
TRADEMARK
RESISTANCE
CODE (4 DIGIT)
DATE CODE
•
-2203BC
4416T-2
YYWW
ABSOLUTE
TOLERANCE CODE
TC CODE
Typical Part Marking
Represents total content. Layout may vary.
How To Order
44 16 T - 2 - 2222 F A B
Model
(44 = SOL Wide
Body Gull
Wing)
Number of Pins
Physical Config.
•T = Thin Film
Electrical Configuration
•2 = Bussed
•1 = Isolated
Resistance Code
•First 3 digits are significant
•Fourth digit represents the
number of zeros to follow.
Absolute Tolerance Code
•B = ±0.1%
•F = ±1%
•D = ±0.5%
Temperature Coefficient Code
•A = ±100ppm/°C
•C = ±25ppm/°C
•B = ±50ppm/°C
Ratio Tolerance (Optional)
•A = ±0.05% to R1 •D = ±0.5% to R1
•B = ±0.1% to R1
Consult factory for other available options.
Features
s
Increased lead density
s
Custom circuits available per factory
Package Power Temp. Derating Curve
Product Dimensions
318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com