Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616M-R2R-503 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 4616M-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616M-R2R-503 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  4616M-R2R-503 Datasheet HTML 1Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 2Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 3Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 4Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 5Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 6Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 7Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 8Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
Specifications are subject to change without notice.
280
Thick Film, Conformal SIPs (continued)
Package
Series
Pin
Isolated
Bussed
Dual
Page
Type
Number
Ct.
Resistors
Resistors
Terminators
No.
4
4604M-102-RC
4604M-101-RC
4604M-104-RC/RC
5
4605M-101-RC
4605M-104-RC/RC
6
4606M-102-RC
4606M-101-RC
4606M-104-RC/RC
7
4607M-101-RC
4607M-104-RC/RC
8
4608M-102-RC
4608M-101-RC
4608M-104-RC/RC
9
4609M-101-RC
4609M-104-RC/RC
4600M
10
4610M-102-RC
4610M-101-RC
4610M-104-RC/RC
298
11
4611M-101-RC
4611M-104-RC/RC
12
4612M-102-RC
4612M-101-RC
4612M-104-RC/RC
13
4613M-101-RC
4613M-104-RC/RC
14
4614M-102-RC
4614M-101-RC
4615M-104-RC/RC
4
4604H-102-RC
4604H-101-RC
4604H-104-RC/RC
5
4605H-101-RC
4605H-104-RC/RC
6
4606H-102-RC
4606H-101-RC
4606H-104-RC/RC
7
4607H-101-RC
4607H-104-RC/RC
8
4608H-102-RC
4608H-101-RC
4608H-104-RC/RC
9
4609H-101-RC
4609H-104-RC/RC
4600H
10
4610H-102-RC
4610H-101-RC
4610H-104-RC/RC
296
11
4611H-101-RC
4611H-104-RC/RC
12
4612H-102-RC
4612H-101-RC
4612H-104-RC/RC
13
4613H-101-RC
4613H-104-RC/RC
14
4614H-102-RC
4614H-101-RC
4614H-104-RC/RC
Conformal SIP
Medium Profile
6.35 (.250) Seated Height
Pin
A Maximum
Count
mm (Inches)
4
10.11 (.398)
5
12.65 (.498)
6
15.19 (.598)
7
17.73 (.698)
8
20.27 (.798)
9
22.81 (.898)
10
25.35 (.998)
11
27.89 (1.098)
12
30.43 (1.198)
13
32.97 (1.298)
14
35.51 (1.398)
15
38.05 (1.498)
16
40.59 (1.598)
6.35
(.250)
MAX.
A
MAXIMUM
Conformal SIP
High Profile
8.89 (.350) Seated Height
Pin
A Maximum
Count
mm (Inches)
4
10.11 (.398)
5
12.65 (.498)
6
15.19 (.598)
7
17.73 (.698)
8
20.27 (.798)
9
22.81 (.898)
10
25.35 (.998)
11
27.89 (1.098)
12
30.43 (1.198)
13
32.97 (1.298)
14
35.51 (1.398)
15
38.05 (1.498)
16
40.59 (1.598)
8.89
(.350)
MAX.
A
MAXIMUM
Industrial Grade
Industrial Grade
Package
Series
Pin
Isolated
Bussed
Dual
Page
Type
Number
Ct.
Resistors
Resistors
Terminators
No.
16
4416P-1-RC
4416P-2-RC
4416P-3-RC/RC
4416P-4-RC
4400P
20
4420P-1-RC
4420P-2-RC
4420P-3-RC/RC
300
4420P-4-RC
Thick Film, Surface Mount Packages
SOL SMD 7.49mm Wide Body
with Gull Wing Lead Form
7.493
± .076
(.295
± .003)
10.34
± .25
(.407
± .010)
Resistor Networks Product Selection Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com