Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616M-R2R-503 Datasheet(PDF) 49 Page - Bourns Electronic Solutions

Part # 4616M-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616M-R2R-503 Datasheet(HTML) 49 Page - Bourns Electronic Solutions

Back Button 4616M-R2R-503 Datasheet HTML 45Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 46Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 47Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 48Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 49Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 50Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 51Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 52Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 53Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
Specifications are subject to change without notice.
325
R1 and R2 are calculated using the following equations:
R2 = (Vee/Vtt)*Zo
R1 = (R2*Vtt)/(Vee-Vtt)
For a 10K ECL supply voltage of -5.2V and Vtt of -2V:
R2 = 2.6*Zo
R1 = R2/1.6
For a 100K ECL supply voltage of -4.5V and Vtt of -2V:
R2 = 2.25*Zo
R1 = R2/1.25
Thevenin Equivalent Parallel Termination Technique
References:
1. Blood, W.R., MECL System Design Handbook, Motorola,
Inc., 1983.
2. F100K ECL Data Book, Fairchild Semiconductor Corp.,
1986.
3. MECL Device Data, Motorola, Inc., 1987.
4. ECLinPS Data, Motorola, Inc., 1987.
Bourns 801, 802, and 804 conformal coated SIP resistor
capacitor networks are designed to terminate 6 transmission
lines using the parallel termination technique. A 0.01 µF capaci-
tor(s) is provided in each network to help maintain a solid Vtt
level within the package, mitigating any potential cross talk or
feedthrough effects. The 804 circuit also contains a 0.1 µF
capacitor for bypassing the Vee supply.
Parallel Termination Technique
Thevenin Equivalent Parallel Termination
Parallel termination in ECL applications uses -2.0 volts as the
terminating voltage. This represents a disadvantage since a
separate Vtt power supply must be available (Vee = -5.2 volts,
Vtt = -2.0 volts). For systems in which a separate -2.0 volt sup-
ply is not available, the use of a Thevenin equivalent arrange-
ment, although resulting in higher power consumption, provides
a convenient solution.
Bourns 803 and 805 conformal coated SIP resistor capacitor
networks are designed to terminate 8 transmission lines using
the Thevenin equivalent parallel termination technique. Again, a
0.1 µF capacitor is provided to help maintain a solid Vee level
within the package, mitigating any potential cross talk or
feedthrough effects. The 803 is designed for use with 10K ECL
whereas the 805 is designed for use with 100K ECL.
Bourns Emitter Coupled Logic Terminator 800 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com