Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616M-R2R-503 Datasheet(PDF) 57 Page - Bourns Electronic Solutions

Part # 4616M-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616M-R2R-503 Datasheet(HTML) 57 Page - Bourns Electronic Solutions

Back Button 4616M-R2R-503 Datasheet HTML 53Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 54Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 55Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 56Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 57Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 58Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 59Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 60Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 61Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
Specifications are subject to change without notice.
333
Bourns Networks For Memory Damping
Bourns can supply a wide range of standard resistor networks
for memory damping applications. Standard resistance values
(see below) are normally in stock. However, any intermediate
value within the range 10 ohms to 10 megohms can be sup-
plied.
The following package and pin count options are available:
1
4
6
10
12
14
...
1
16
R
R
R
R
R
R
R
R
8
9
NUMBER OF LINES
2
3
4
5
MSIP*
4304M-102-RC
4306R-102-RC
4308R-102-RC 4310R-102-RC
CSIP*
4604X-102-RC
4606X-102-RC
4608X-102-RC 4610X-102-RC
PCC
4210P-102-RC
6
MSIP*
CSIP*
4612X-102-RC
PCC
7
8
9
10
DIP
4114R-1-RC
4116R-1-RC
4118R-1-RC
4120R-1-RC
CSIP*
4614X-102-RC
SOM
4814P-1-RC
4816P-1-RC
SOL
4416P-1-RC
4420P-1-RC
SOL-J
4416J-1-RC
4420J-1-RC
PCC
4420P-102-RC
*MEDIUM PROFILE (.250” SEATED HEIGHT) AND HIGH PROFILE (.350” SEATED
HEIGHT) ARE AVAILABLE BY PLACING THE LETTER “M” OR “H,” RESPECTIVELY, IN
THE FIFTH POSITION OF THE PART NUMBER.
DRAM Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com