Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15AEPGE Datasheet(PDF) 17 Page - Texas Instruments

Part # TNETX15AEPGE
Description  ADDRESS-LOOKUP DEVICE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15AEPGE Datasheet(HTML) 17 Page - Texas Instruments

Back Button TNETX15AEPGE Datasheet HTML 13Page - Texas Instruments TNETX15AEPGE Datasheet HTML 14Page - Texas Instruments TNETX15AEPGE Datasheet HTML 15Page - Texas Instruments TNETX15AEPGE Datasheet HTML 16Page - Texas Instruments TNETX15AEPGE Datasheet HTML 17Page - Texas Instruments TNETX15AEPGE Datasheet HTML 18Page - Texas Instruments TNETX15AEPGE Datasheet HTML 19Page - Texas Instruments TNETX15AEPGE Datasheet HTML 20Page - Texas Instruments TNETX15AEPGE Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 79 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
internal register descriptions
revision register, revision at 0x00 (DIO)
BIT
7
(MOST-SIGNIFICANT BIT)
6
5
4
3
2
1
0
(LEAST-SIGNIFICANT BIT)
Product code
Revision
Initial values after reset
0
0
0
1
0
0
0
0
This register contains the revision code for the device. The initial revision code is hardwired to 0x10. This register
is read only, and writes to it are ignored.
SRAM size-select register, RAMsize at 0x01 (DIO)
The RAMsize register can be written to only when the START bit in the control register is set to 0. This register
is automatically loaded from the EEPROM when the RESET terminal is asserted low, or when LOAD in the
control register is set.
BIT
7
6
5
4
3
2
1
0
Reserved
RSIZE
Initial values after reset
1
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
7–4
Reserved
Writes to this location are ignored and are read as 0.
3–0
RSIZE
Ram size select. This field indicates the size of the external SRAM, and has a bearing on the number of addresses that
the TNETX15AE supports. The TNETX15AE uses this field to determine how many tables to initialize as part of the reset
sequence by indicating how many address lines to use. The TNETX15AE uses external SRAM for tables of pointers
used in address decoding and for table end pointers (the two-word address descriptors). This field can be written only
when the START bit is 0 and reset is not active. This field also is loaded from the EEPROM interface during auto load.
Code values are as follows:
RAMsize
RAM
WORST
REGISTER
SIZE
CASE
0x00
640
× 82
0x01
832
× 82
0x02
1K
× 83
0x03
2K
× 87
0x04
4K
× 814
0x05
8K
× 828
0x06
16K
× 959
0x07
32K
× 10
123
0x08
64K
× 11
251
0x09
128K
× 12
507
0x0A
256K
× 13
1019
0x0B
512K
× 14
2189
0x0C
1M
× 15
4530
0x0D to 0x0F
2M
× 16
9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com