Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15AEPGE Datasheet(PDF) 57 Page - Texas Instruments

Part # TNETX15AEPGE
Description  ADDRESS-LOOKUP DEVICE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15AEPGE Datasheet(HTML) 57 Page - Texas Instruments

Back Button TNETX15AEPGE Datasheet HTML 53Page - Texas Instruments TNETX15AEPGE Datasheet HTML 54Page - Texas Instruments TNETX15AEPGE Datasheet HTML 55Page - Texas Instruments TNETX15AEPGE Datasheet HTML 56Page - Texas Instruments TNETX15AEPGE Datasheet HTML 57Page - Texas Instruments TNETX15AEPGE Datasheet HTML 58Page - Texas Instruments TNETX15AEPGE Datasheet HTML 59Page - Texas Instruments TNETX15AEPGE Datasheet HTML 60Page - Texas Instruments TNETX15AEPGE Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 79 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
57
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
NAUTO mode
NAUTO mode is selected by asserting the NAUTO bit in the control register. In NAUTO mode, the ADD logic
operation does not add addresses off the wire. The only way addresses are added, moved, or edited is through
the register interface. The host processor is assumed to have complete control of the contents of the
address table.
NLRN0 mode
The ADD logic operation cannot add addresses learned from port 0 when this bit is set. The bus watcher does
not extract these addresses from the DRAM bus. In this mode, the management CPU can add an address for
port 0 (the hardware does not). Since the bus watcher does not provide addresses from these ports to ADD in
this mode, ADD does not perform any age process on any addresses in the lookup table assigned to port 0 in
this mode; nor, are the NEW, CHNG, or SECVIO interrupts active for port 0 in this mode.
NCRC mode
The NCRC bit controls whether or not the bus watcher waits for a complete valid (CRC checked) frame before
the source address is given to ADD. The TNETX15AE performs additions faster in NCRC mode since it does
not have to wait for the good CRC indication on the bus. If the TNETX15AE is waiting for a good CRC, after a
bad packet on a seldom-used port, no addresses are being added on any port, although, lookup is functioning
normally for destination addresses already in the table. If this bit is set, there is a possibility that addresses from
bad (bad or missing CRC) frames are added, but the aging process deletes them eventually.
management address adding
The ADD logic operation also can add addresses to the table through the DIO interface management add/edit
address interface registers as shown in the following:
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO
ADDRESS
Adddelcontrol
0x2C
Addnode23–Addnode16
Addnode31–Addnode24
Addnode39–Addnode32
Addnode47–Addnode40
0x38
Addport
Addnode7–Addnode0
Addnode15–Addnode8
0x3C
Management ADDs are used to perform the following functions:
D The address flags SECURE, LOCKED, and the copy uplink flag, CUPLINK, can be set or cleared through
management adds.
D DIO ADDs are used to change the address port assignment.
D DIO ADDs also are the only way multicast addresses are added to the lookup table.
D DIO ADDs also write the current time to the AGE time stamp for the node.
Management add commands are given through the ADD bit in the adddelcontrol register. The steps for adding
an address are as follows:
D Write the node’s address in the addnode registers.
D If it is a unicast address, write the node’s flag information and port assignment in addport. If it is a multicast
address, write the forwarding mask.
D Set the ADD bit in the adddelcontrol register to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com