Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15AEPGE Datasheet(PDF) 64 Page - Texas Instruments

Part # TNETX15AEPGE
Description  ADDRESS-LOOKUP DEVICE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15AEPGE Datasheet(HTML) 64 Page - Texas Instruments

Back Button TNETX15AEPGE Datasheet HTML 60Page - Texas Instruments TNETX15AEPGE Datasheet HTML 61Page - Texas Instruments TNETX15AEPGE Datasheet HTML 62Page - Texas Instruments TNETX15AEPGE Datasheet HTML 63Page - Texas Instruments TNETX15AEPGE Datasheet HTML 64Page - Texas Instruments TNETX15AEPGE Datasheet HTML 65Page - Texas Instruments TNETX15AEPGE Datasheet HTML 66Page - Texas Instruments TNETX15AEPGE Datasheet HTML 67Page - Texas Instruments TNETX15AEPGE Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
64
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating case temperature range (unless otherwise noted)†
Supply voltage range, VCC (see Notes 2 and 3)
–0.5 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VCC(5V) (see Notes 2 and 3)
–0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
–0.5 V to VCC(5 V) + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
–0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal impedance, junction-to-ambient package, airflow = 0, ZθJA
47.5
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
Thermal impedance, junction-to-ambient package, airflow = 100 ft/min, ZθJA
38.2
°C/W
. . . . . . . . . . . . . . . . .
Thermal impedance, junction-to-case package, ZθJC
9.9
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
0
°C to 95°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods can affect device reliability.
NOTES:
2. All voltage values are with respect to GND.
3. Turning power supplies on and off (cycling sequence) within a mixed 5-V/3.3-V system is an important consideration. The designer
must observe a few rules to avoid damaging the TNETX15AE. Check with the manufacturers of all components used in the 3.3-V
to 5-V interface to ensure that no unique device characteristics exist that would lead to rules more restrictive than the TNETX15AE
requires.
The optimum solution to power-supply sequencing in a mixed-voltage system is to ramp up the 3.3-V supply first. A power-on reset
component operating from this supply forces all 5-V tolerant outputs into the high-impedance state. Then, the 5-V supply is ramped
up. On power down, the 5-V rail deenergizes first, followed by the 3.3-V rail.
The second-best solution is to ramp both the 3.3-V and 5-V rails at the same time, making sure that no more than 3.6 V exists between
these two rails during the ramp up or down. If the 3.3 V is derived from the 5 V, then the 3.3 V rises as the 5 V rises so that the 5-V
rail never exceeds the 3.3-V rail by more than 3.6 V. Both the optimum and second-choice algorithms for power up prevent any device
damage. If it is impractical to implement ramping, follow these rules:
• When turning on the power supply, all 3.3-V and 5-V supplies should start ramping from 0 V and reach 95 percent of their end-point
values within 25 ms. All bus contention between the device and external devices is eliminated by the end of 25 ms.
• When turning off the power supply, 3.5-V and 5-V supplies should start ramping from steady-state values and reach 5 percent
of these values within 25 ms. All bus contention between the device and external devices is eliminated by the end of 25 ms. There
is a 250-second lifetime maximum at greater than 3.6 V between the supply rails. Holding this period to 25 ms per power-on/off
cycle should not significantly contribute to shifts in mean time between failures (MTBF) during product lifetimes.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VCC(5V)
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
VCC(5V)
V
VIL
Low-level input voltage (see Note 4)
0
0.8
V
IOH
High-level output current
–4
mA
IOL
Low-level output current
4
mA
NOTE 4: The algebraic convention, where the more-negative (less-positive) limit is designated as a minimum, is used for logic-voltage levels only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com