Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15AEPGE Datasheet(PDF) 71 Page - Texas Instruments

Part # TNETX15AEPGE
Description  ADDRESS-LOOKUP DEVICE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15AEPGE Datasheet(HTML) 71 Page - Texas Instruments

Back Button TNETX15AEPGE Datasheet HTML 67Page - Texas Instruments TNETX15AEPGE Datasheet HTML 68Page - Texas Instruments TNETX15AEPGE Datasheet HTML 69Page - Texas Instruments TNETX15AEPGE Datasheet HTML 70Page - Texas Instruments TNETX15AEPGE Datasheet HTML 71Page - Texas Instruments TNETX15AEPGE Datasheet HTML 72Page - Texas Instruments TNETX15AEPGE Datasheet HTML 73Page - Texas Instruments TNETX15AEPGE Datasheet HTML 74Page - Texas Instruments TNETX15AEPGE Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 79 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
71
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating conditions
OSCIN clock
MIN
NOM
MAX
UNIT
tc(OSCIN)†
Cycle time, OSCIN
20
ns
tw(OSCINH) Pulse duration, OSCIN high
8
10
ns
tw(OSCINL)
Pulse duration, OSCIN low
8
10
ns
Frequency drift†
±50
ppm
† TNETX15AE is designed to use the OSCIN input from the companion TNETX3150/TNETX3150A/TNETX3100 to be able to snoop on the
TNETX3150/TNETX3150A/TNETX3100-DRAM bus. The accuracy and drift are constrained by TNETX3150/TNETX3150A/TNETX3100 use of
OSCIN for Ethernet state machines.
timing requirements over recommended operating conditions (see Figure 24)
power-on reset
NO.
MIN
MAX
UNIT
1
td(OSCIN)
Delay time, from VCC↑ to RESET↑
25
ms
2
td(RESET)
Delay time, from OSCIN
↑ to RESET↑
25
ms
3
td(AUTO)
Delay time, from RESET
↑ to EEPROM autoload over
50
ms
OSCIN
(Input)
VCC(5V)
(Input)
VCC
(Input)
1
2
RESET
(Input)
Normal Operation
Signals‡
Valid
‡ A pullup or active logic is required for each input to have known logic levels at all times, especially during reset when an I/O output is disabled.
3
Figure 24. Power-On Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com