Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15AEPGE Datasheet(PDF) 23 Page - Texas Instruments

Part # TNETX15AEPGE
Description  ADDRESS-LOOKUP DEVICE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15AEPGE Datasheet(HTML) 23 Page - Texas Instruments

Back Button TNETX15AEPGE Datasheet HTML 19Page - Texas Instruments TNETX15AEPGE Datasheet HTML 20Page - Texas Instruments TNETX15AEPGE Datasheet HTML 21Page - Texas Instruments TNETX15AEPGE Datasheet HTML 22Page - Texas Instruments TNETX15AEPGE Datasheet HTML 23Page - Texas Instruments TNETX15AEPGE Datasheet HTML 24Page - Texas Instruments TNETX15AEPGE Datasheet HTML 25Page - Texas Instruments TNETX15AEPGE Datasheet HTML 26Page - Texas Instruments TNETX15AEPGE Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 79 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
lookup routing-code register, findport at 0x12–0x13 (DIO)
The findport register is a read-only register, which returns port assignment information for the node address
contained in the findnode register after a lookup. The data structure for the findport register depends on the type
of address stored in the findnode register.
If findnode contains a unicast address, findnode (40) = 0 (bit 40 of the Ethernet adddress is 0), then findport
is defined as:
BYTE 3
BYTE 2
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
VALID
SECURE
LOCKED
CUPLNK
PORTCODE
Reserved
Initial values after reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
15
VALID
Valid address indication.
14
SECURE
Secured address indication. SECURE shows the security level for the address contained in the findnode register.
Secure addresses are not aged out and cannot move ports. If a station with a secured address moves ports, a security
violation interrupt is given to the host, and the address is locked. Since the lookup of the destination address causes
the queueing of the packet for transmit, and this happens before the source address is inspected, the packet that
causes a security violation is processed through the switch.
13
LOCKED
Locked address indication. LOCKED shows the lock status for the address contained in the findnode register. Locked
addresses output a discard code on the EAM interface; frames destined for LOCKED addresses are not delivered.
Since the destination address lookup, which causes the queueing of the packet for transmission, is independent of
checking the source address, locked addresses cannot receive packets (but still can transmit) into the switch attached
to TNETX15AE.
12
CUPLNK
Copy frames to uplink indication. CUPLINK shows the copy uplink status for the address contained in the findnode
register. The address tagged by this bit adds the port specified in the uplinkports register to the routing code output
on the EAM bus. This can affect performance of the TNETX3150/TNETX3150A/TNETX3100, as each packet must
be linked to two transmit queues.
11–8
PORTCODE
Current port for node. PORTCODE holds the current port for the unicast address shown in the findnode register.
7–0
Reserved
Writes to this location are ignored and read as 0.
If findnode is a multicast address, findnode (40) = 1 (bit 40 of the Ethernet address is 1), then findport is
defined as:
BYTE 3
BYTE 2
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
VALID
PORTFLAG
Initial values after reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
15
VALID
Valid address indication.
14–0
PORTFLAG
Port-bit vector for multicast. PORTFLAG shows the port-bit vector for the multicast address contained in the findnode
register. The bit values in this field correspond one-to-one with the TNETX3150/TNETX3150A/TNETX3100 port
assignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com