Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15AEPGE Datasheet(PDF) 38 Page - Texas Instruments

Part # TNETX15AEPGE
Description  ADDRESS-LOOKUP DEVICE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15AEPGE Datasheet(HTML) 38 Page - Texas Instruments

Back Button TNETX15AEPGE Datasheet HTML 34Page - Texas Instruments TNETX15AEPGE Datasheet HTML 35Page - Texas Instruments TNETX15AEPGE Datasheet HTML 36Page - Texas Instruments TNETX15AEPGE Datasheet HTML 37Page - Texas Instruments TNETX15AEPGE Datasheet HTML 38Page - Texas Instruments TNETX15AEPGE Datasheet HTML 39Page - Texas Instruments TNETX15AEPGE Datasheet HTML 40Page - Texas Instruments TNETX15AEPGE Datasheet HTML 41Page - Texas Instruments TNETX15AEPGE Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 79 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
operating logic arbitration (continued)
INIT
LKUP
DEL
ADD
REG
FIND
AGE
Decreasing
Priority
Figure 4. Logic-Operation Priorities
One logic operation can interrupt a lower-priority logic operation to acquire the bus. For example, an LKUP
operation interrupts an ADD operation.
For the case of ADD and DEL (with the same priority), the arbiter grants the bus to the first logic operation that
requests it. It then grants an uninterruptable bus (unless by a LKUP) to that logic operation until that logic
operation is completed. If both ADD and DEL request the bus at the same time, the bus is granted to ADD. This
ensures that ADD is not interrupted by a DEL operation and vice versa. This hierarchy explains why a host
request for access to RAM completes with some variability — there may be higher-priority operations accessing
RAM at that instant.
lookup algorithm
The TNETX15AE device uses a table-based lookup algorithm to provide deterministic lookups with less than
248 memory words. The tables are hierarchical and are linked to the lower tables by threads. Each table can
thread to several different tables in the hierarchy. The lowest table in the hierarchy (leaf) does not point to
anything and contains information about the address to be matched.
Each level in the hierarchy is assigned to a specific range of bits in the address. The bits in the range are used
as an offset within the table at each level. If a thread exists at that offset, the TNETX15AE follows that thread.
The TNETX15AE matches an address when it finds a complete thread to a leaf. The thread structure is shown
in Figure 5.
The first level (root level) has only one table from which it can branch out to 2N possible tables. N is the number
of bits compared at a given time. Each additional table in the hierarchy branches down to 2N other possible
tables. The second level contains 2N table and 22N threads. The third level contains 22N tables and 23N threads,
and so on.
Because of this exponential growth, the threads and the amount of possible paths at each level soon overtake
the number of addresses required. If this growth were to go unchecked with an N of 5, the third level would
contain 1,024 tables and 32,768 threads. If only 1024 addresses are required, there are more tables allocated
than needed, and most contain NULL pointers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com