Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5372ACPZ-R21 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5372ACPZ-R21
Description  1500 MHz to 2500 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5372ACPZ-R21 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5372ACPZ-R21 Datasheet HTML 3Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 4Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 5Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 6Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 7Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 8Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 9Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 10Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADL5372
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V; TA = 25°C; LO = 0 dBm single-ended; baseband I/Q amplitude = 1.4 V p-p differential sine waves in quadrature with a 500 mV
dc bias; baseband I/Q frequency (fBB) = 1 MHz, unless otherwise noted.
0
1
2
3
4
5
6
7
8
9
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 3. Single Sideband (SSB) Output Power (POUT) vs.
LO Frequency (fLO) and Temperature
0
1
2
3
4
5
6
7
8
9
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500
LO FREQUENCY (MHz)
VS = 5V
VS = 5.25V
VS = 4.75V
Figure 4. Single Sideband (SSB) Output Power (POUT) vs.
LO Frequency (fLO) and Supply
5
0
–5
1
10
100
1000
BASEBAND FREQUENCY (MHz)
Figure 5. I and Q Input Bandwidth Normalized to
Gain @ 1 MHz (fLO = 1900 MHz)
0
2
4
6
8
10
12
14
16
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 6. SSB Output P1dB Compression Point (OP1dB) vs. fLO and Temperature
0
2
4
6
8
10
12
14
16
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500
LO FREQUENCY (MHz)
VS = 4.75V
VS = 5.25V
VS = 5V
Figure 7. SSB Output P1dB Compression Point (OP1dB) vs. fLO and Supply
0
180
30
330
60
90
270
300
120
240
150
210
2500MHz
1500MHz
1500MHz
2500MHz
S11 OF LOIP
S22 OF OUTPUT
Figure 8. Smith Chart of LOIP S11 and VOUT S22
(fLO from 1600 MHz to 2500 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com