Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5372ACPZ-R21 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5372ACPZ-R21
Description  1500 MHz to 2500 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5372ACPZ-R21 Datasheet(HTML) 2 Page - Analog Devices

  ADL5372ACPZ-R21 Datasheet HTML 1Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 2Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 3Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 4Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 5Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 6Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 7Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 8Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADL5372
Rev. 0 | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 7
Theory of Operation ...................................................................... 11
Circuit Description..................................................................... 11
Basic Connections .......................................................................... 12
Optimization ............................................................................... 13
Applications Information .............................................................. 14
DAC Modulator Interfacing ..................................................... 14
Limiting the AC Swing .............................................................. 14
Filtering........................................................................................ 14
Using the AD9779 Auxiliary DAC for Carrier Feedthrough
Nulling ......................................................................................... 15
GSM Operation .......................................................................... 15
WCDMA Operation .................................................................. 16
WiMAX Operation .................................................................... 16
LO Generation Using PLLs ....................................................... 16
Transmit DAC Options ............................................................. 17
Modulator/Demodulator Options ........................................... 17
Evaluation Board ............................................................................ 18
Characterization Setup .................................................................. 19
Outline Dimensions ....................................................................... 21
Ordering Guide .......................................................................... 21
REVISION HISTORY
12/06—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com