Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5372ACPZ-R21 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5372ACPZ-R21
Description  1500 MHz to 2500 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5372ACPZ-R21 Datasheet(HTML) 1 Page - Analog Devices

  ADL5372ACPZ-R21 Datasheet HTML 1Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 2Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 3Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 4Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 5Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 6Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 7Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 8Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1500 MHz to 2500 MHz
Quadrature Modulator
ADL5372
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Output frequency range: 1500 MHz to 2500 MHz
Modulation bandwidth: >500 MHz (3 dB)
1 dB output compression: 14 dBm @ 1900 MHz
Noise floor: −158 dBm/Hz
Sideband suppression: −45 dBc @ 1900 MHz
Carrier feedthrough: −45 dBm @ 1900 MHz
Single supply: 4.75 V to 5.25 V
24-lead LFCSP_VQ
APPLICATIONS
Cellular communication systems
CDMA2000/GSM/WCDMA
WiMAX/broadband wireless access systems
Satellite modems
FUNCTIONAL BLOCK DIAGRAM
IBBP
IBBN
VOUT
LOIP
LOIN
QBBN
QBBP
QUADRATURE
PHASE
SPLITTER
Figure 1.
GENERAL DESCRIPTION
The ADL5372 is a member of the fixed-gain quadrature modulator
(F-MOD) family designed for use from 1500 MHz to 2500 MHz.
Its excellent phase accuracy and amplitude balance enable high
performance intermediate frequency or direct radio frequency
modulation for communication systems.
The ADL5372 provides a >500 MHz, 3 dB baseband bandwidth,
making it ideally suited for use in broadband zero IF or low
IF-to-RF applications and in broadband digital predistortion
transmitters.
The ADL5372 accepts two differential baseband inputs and a
single-ended, local oscillator (LO) and generates a single-
ended output.
The ADL5372 is fabricated using the Analog Devices, Inc.
advanced silicon-germanium bipolar process. It is available in
a 24-lead, exposed-paddle, Pb-free, LFCSP. Performance is
specified over a −40°C to +85°C temperature range. A Pb-free
evaluation board is available.


Similar Part No. - ADL5372ACPZ-R21

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5372 AD-ADL5372 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
ADL5372 AD-ADL5372 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372 Datasheet
209Kb / 8P
Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
ADL5372 AD-ADL5372 Datasheet
129Kb / 2P
Interfacing the ADL5372 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
More results

Similar Description - ADL5372ACPZ-R21

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
STQ-3016 STANFORD-STQ-3016 Datasheet
222Kb / 8P
2500 - 4000 MHz Direct Quadrature Modulator
logo
Skyworks Solutions Inc.
SKY73010 SKYWORKS-SKY73010 Datasheet
136Kb / 8P
300 - 2500 MHz Direct Quadrature Modulator
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016 SIRENZA-STQ-2016 Datasheet
389Kb / 8P
700-2500 MHz Direct Quadrature Modulator
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
700-2500 MHz Direct Quadrature Modulator
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
2500 -4000 MHz Direct Quadrature Modulator
logo
Analog Devices
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
400 MHz to 1250 MHz Quadrature Modulator
REV. 0
ADRF6750ACPZ-R7 AD-ADRF6750ACPZ-R7 Datasheet
1Mb / 40P
950 MHz to 1575 MHz Quadrature Modulator
REV. A
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5385 AD-ADL5385_15 Datasheet
1Mb / 26P
30 MHz to 2200 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com