Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5372ACPZ-R21 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5372ACPZ-R21
Description  1500 MHz to 2500 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5372ACPZ-R21 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5372ACPZ-R21 Datasheet HTML 11Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 12Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 13Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 14Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 15Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 16Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 17Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 18Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADL5372
Rev. 0 | Page 15 of 24
An example is shown in Figure 32 with a third-order, elliptical,
low-pass filter with a 3 dB frequency of 3 MHz. Matching input
and output impedances makes the filter design easier, so the
shunt resistor chosen is 100 Ω, producing an ac swing of
1 V p-p differential.
RBIP
50Ω
RBIN
50Ω
93
92
19
20
IBBN
IBBP
AD9779
F-MOD
RBQN
50Ω
RBQP
50Ω
84
83
23
24
RSLI
100Ω
RSLQ
100Ω
OUT1_N
OUT1_P
OUT2_P
OUT2_N
QBBP
QBBN
LPI
2.7nH
LNI
2.7nH
1.1nF
C1I
1.1nF
C2I
LNQ
2.7nH
LPQ
2.7nH
1.1nF
C1Q
1.1nF
C2Q
Figure 32. DAC Modulator Interface with
3 MHz Third-Order, Elliptical Low-Pass Filter
USING THE AD9779 AUXILIARY DAC FOR CARRIER
FEEDTHROUGH NULLING
The AD9779 features an auxiliary DAC that can be used to
inject small currents into the differential outputs for each main
DAC channel. This feature can be used to produce the small
offset voltages necessary to null out the carrier feedthrough
from the modulator. Figure 33 shows the interface required
to use the auxiliary DACs. This adds four resistors to the
interface.
RBIP
50Ω
RBIN
50Ω
93
90
92
19
20
IBBN
IBBP
AD9779
F-MOD
RBQN
50Ω
RBQP
50Ω
84
87
89
83
86
23
24
RSLI
100Ω
RSLQ
100Ω
OUT1_N
AUX1_N
AUX2_N
OUT1_P
AUX1_P
OUT2_P
AUX2_P
OUT2_N
QBBP
QBBN
LPI
2.7nH
LNI
2.7nH
1.1nF
C1I
1.1nF
C2I
LNQ
2.7nH
LPQ
2.7nH
1.1nF
C1Q
1.1nF
C2Q
250Ω
500Ω
500Ω
500Ω
500Ω
250Ω
250Ω
250Ω
Figure 33. DAC Modulator Interface with Auxiliary DAC Resistors
GSM OPERATION
Figure 34 shows the GSM EVM, spectral mask, and noise vs. the
output power for the ADL5372 at 1960 MHz. For a given LO
amplitude, the performance is independent of output power.
OUTPUT POWER (dBm)
–110
–100
–90
–80
–70
–60
–50
–40
–30
–6
–4
–2
0
2
4
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
6 MHz NOISE FLOOR
1.2MHz
PEAK EVM
600kHz
400kHz
250kHz
RMS EVM
Figure 34. GSM EVM and Spectral Performance vs. Channel Power at
1960 MHz vs. Output Power; LO Power = 0 dBm
Figure 35 shows the GSM EVM and noise performance vs. the
LO amplitude at 1960 MHz with an output power of 5 dBm.
Increasing the LO drive level improves the noise performance
but degrades EVM performance.
LO DRIVE (dBm)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–6
–4
–2
0
2
4
6
–120
–115
–110
–105
–100
–95
–90
–85
–80
6MHz NOISE FLOOR
RMS EVM
PEAK EVM
Figure 35. GSM EVM and 6 MHz Noise Floor vs. LO Power at 1960 MHz;
Output Power = 5 dBm
Figure 35 illustrates that an LO amplitude of 3 dBm provides
the ideal operating point for noise and EVM for a GSM signal
at 1960 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com