Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5372ACPZ-R21 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5372ACPZ-R21
Description  1500 MHz to 2500 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5372ACPZ-R21 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5372ACPZ-R21 Datasheet HTML 5Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 6Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 7Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 8Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 9Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 10Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 11Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 12Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADL5372
Rev. 0 | Page 9 of 24
–80
–70
–60
–50
–40
–30
–20
0.20.61.0
1.41.82.22.63.0
3.4
–15
–10
–5
0
5
10
15
BASEBAND INPUT VOLTAGE (V p-p)
SSB OUTPUT POWER (dBm)
SIDEBAND SUPPRESSION (dBc)
THIRD ORDER (dBc)
SECOND ORDER (dBc)
CARRIER
FEEDTHROUGH (dBm)
Figure 15. Second- and Third-Order Distortion, Carrier Feedthrough,
Sideband Suppression, and SSB POUT vs. Baseband Differential Input Level
(fLO = 2150 MHz)
–20
–80
1500
2500
LO FREQUENCY (MHz)
–70
–60
–50
–40
–30
1600 1700 1800 1900 2000 2100 2200 2300 2400
SECOND ORDER
TA = –40°C
SECOND ORDER
TA = +25°C
SECOND ORDER
TA = +85°C
THIRD ORDER
TA = +85°C
THIRD ORDER
TA = –40°C
THIRD ORDER
TA = +25°C
Figure 16. Second- and Third-Order Distortion vs. fLO and Temperature
(Baseband I/Q Amplitude = 1.4 V p-p Differential)
–60
–55
–50
–45
–40
–35
–30
–25
–20
1M
10M
100M
4
4.5
5
5.5
6
6.5
7
7.5
8
BASEBAND FREQUENCY (Hz)
SSB OUTPUT POWER (dBm)
SIDEBAND SUPPRESSION (dBc)
THIRD ORDER (dBc)
SECOND ORDER (dBc)
CARRIER FEEDTHROUGH (dBm)
Figure 17. Second- and Third-Order Distortion, Carrier Feedthrough,
Sideband Suppression, and SSB POUT vs. fBB and Temperature (fLO = 1900 MHz)
0
5
10
15
20
25
30
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500
LO FREQUENCY (MHz)
TA = +25°C
TA = –40°C
TA = +85°C
Figure 18. OIP3 vs. Frequency and Temperature
0
10
20
30
40
50
60
70
80
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500
LO FREQUENCY (MHz)
TA = +25°C
TA = –40°C
TA = +85°C
Figure 19. OIP2 vs. Frequency and Temperature
–70
–60
–50
–40
–30
–20
–6
–4
–2
0
2
4
6
3
4
5
6
7
8
LO AMPLITUDE (dBm)
SIDEBAND SUPPRESSION (dBc)
THIRD ORDER (dBc)
SECOND ORDER (dBc)
CARRIER
FEEDTHROUGH (dBm)
SSB OUTPUT POWER (dBm)
Figure 20. Second- and Third-Order Distortion, Carrier Feedthrough,
Sideband Suppression, and SSB POUT vs. LO Amplitude (fLO = 1900 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com