Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5372ACPZ-R21 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5372ACPZ-R21
Description  1500 MHz to 2500 MHz Quadrature Modulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5372ACPZ-R21 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5372ACPZ-R21 Datasheet HTML 13Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 14Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 15Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 16Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 17Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 18Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 19Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 20Page - Analog Devices ADL5372ACPZ-R21 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADL5372
Rev. 0 | Page 17 of 24
TRANSMIT DAC OPTIONS
The AD9779 recommended in the previous sections of this data
sheet is by no means the only DAC that can be used to drive the
ADL5372. There are other appropriate DACs, depending on the
level of performance required. Table 6 lists the dual TxDACs
offered by Analog Devices.
Table 6. Dual TxDAC Selection Table
Part
Resolution (Bits)
Update Rate (MSPS Minimum)
AD9709
8
125
AD9761
10
40
AD9763
10
125
AD9765
12
125
AD9767
14
125
AD9773
12
160
AD9775
14
160
AD9777
16
160
AD9776
12
1000
AD9778
14
1000
AD9779
16
1000
All DACs listed have nominal bias levels of 0.5 V and use the
same simple DAC modulator interface that is shown in Figure 32.
MODULATOR/DEMODULATOR OPTIONS
Table 7 lists other Analog Devices modulators and demodulators.
Table 7. Modulator/Demodulator Options
Part No.
Modulator/
Demodulator
Frequency
Range (MHz)
Comments
AD8345
Modulator
140 to 1000
AD8346
Modulator
800 to 2500
AD8349
Modulator
700 to 2700
ADL5390
Modulator
20 to 2400
External quadrature
ADL5385
Modulator
50 to 2200
ADL5370
Modulator
300 to 1000
ADL5371
Modulator
500 to 1500
ADL5373
Modulator
2300 to 3000
ADL5374
Modulator
3000 to 4000
AD8347
Demodulator
800 to 2700
AD8348
Demodulator
50 to 1000
AD8340
Vector
modulator
700 to 1000
AD8341
Vector
modulator
1500 to 2400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com