Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP400 Datasheet(PDF) 7 Page - Analog Devices

Part # OP400
Description  Quad Low Offset, Low Power Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP400 Datasheet(HTML) 7 Page - Analog Devices

Back Button OP400 Datasheet HTML 3Page - Analog Devices OP400 Datasheet HTML 4Page - Analog Devices OP400 Datasheet HTML 5Page - Analog Devices OP400 Datasheet HTML 6Page - Analog Devices OP400 Datasheet HTML 7Page - Analog Devices OP400 Datasheet HTML 8Page - Analog Devices OP400 Datasheet HTML 9Page - Analog Devices OP400 Datasheet HTML 10Page - Analog Devices OP400 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
OP400
Rev. H | Page 7 of 16
100
10
1
1k
100
10
FREQUENCY (Hz)
Figure 10. Noise Voltage Density vs. Frequency
1k
0
200
400
600
800
1
1k
100
10
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
Figure 11. Current Noise Density vs. Frequency
0
10
4
6
8
2
TIME (Seconds)
Figure 12. 0.1 Hz to 10 Hz Noise
2.5
2.1
2.2
2.3
2.4
±2
±6
±10
±14
±18
±4
±8
±12
±16
±20
SUPPLY VOLTAGE (V)
FOUR AMPLIFIERS
TA = 25°C
Figure 13. Total Supply Current vs. Supply Voltage
2.5
2.1
2.2
2.3
2.4
–75
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
FOUR AMPLIFIERS
VS = ±15V
Figure 14. Total Supply Current vs. Temperature
140
0
20
40
60
80
100
120
0.1
100k
10k
1k
100
10
1
FREQUENCY (Hz)
NEGATIVE
SUPPLY
POSITIVE
SUPPLY
Figure 15. Power Supply Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com