Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP400 Datasheet(PDF) 8 Page - Analog Devices

Part # OP400
Description  Quad Low Offset, Low Power Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP400 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP400 Datasheet HTML 4Page - Analog Devices OP400 Datasheet HTML 5Page - Analog Devices OP400 Datasheet HTML 6Page - Analog Devices OP400 Datasheet HTML 7Page - Analog Devices OP400 Datasheet HTML 8Page - Analog Devices OP400 Datasheet HTML 9Page - Analog Devices OP400 Datasheet HTML 10Page - Analog Devices OP400 Datasheet HTML 11Page - Analog Devices OP400 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
OP400
Data Sheet
Rev. H | Page 8 of 16
TEMPERATURE (°C)
144
142
138
140
136
134
–75
150
125
100
75
50
25
0
–25
–50
VS = ±15V
Figure 16. Power Supply Rejection vs. Temperature
TEMPERATURE (°C)
5k
4k
2k
3k
1k
0
–75
150
125
100
75
50
25
0
–25
–50
VS = ±15V
RL = 2kΩ
Figure 17. Open-Loop Gain vs. Temperature
FREQUENCY (Hz)
120
40
20
100
80
60
0
10
1M
10k
100k
1k
100
90
0
45
135
180
GAIN
PHASE
TA = 25°C
VS = ±15V
Figure 18. Open-Loop Gain and Phase Shift vs. Frequency
FREQUENCY (Hz)
60
80
40
0
20
1
10
1k
100
100k
10k
1M
TA = 25°C
VS = ±15V
AV = 1000
AV = 100
AV = 10
AV = 1000
Figure 19. Closed-Loop Gain vs. Frequency
FREQUENCY (Hz)
20
25
15
5
10
10
100
1k
10k
100k
TA = 25°C
VS = ±15V
Figure 20. Maximum Output Swing Frequency
FREQUENCY (Hz)
10
0.1
1
0.01
0.001
100
1k
10k
TA = 25°C
VS = ±15V
VOUT = 10V p-p
RL = 2kΩ
AV = 100
AV = 10
AV = 1
Figure 21. Total Harmonic Distortion vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com