Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP400 Datasheet(PDF) 15 Page - Analog Devices

Part # OP400
Description  Quad Low Offset, Low Power Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP400 Datasheet(HTML) 15 Page - Analog Devices

Back Button OP400 Datasheet HTML 8Page - Analog Devices OP400 Datasheet HTML 9Page - Analog Devices OP400 Datasheet HTML 10Page - Analog Devices OP400 Datasheet HTML 11Page - Analog Devices OP400 Datasheet HTML 12Page - Analog Devices OP400 Datasheet HTML 13Page - Analog Devices OP400 Datasheet HTML 14Page - Analog Devices OP400 Datasheet HTML 15Page - Analog Devices OP400 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
OP400
Rev. H | Page 15 of 16
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-013-AA
10.50 (0.4134)
10.10 (0.3976)
0.30 (0.0118)
0.10 (0.0039)
2.65 (0.1043)
2.35 (0.0925)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
0.75 (0.0295)
0.25 (0.0098)
45°
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10
0.33 (0.0130)
0.20 (0.0079)
0.51 (0.0201)
0.31 (0.0122)
SEATING
PLANE
8°
0°
16
9
8
1
1.27 (0.0500)
BSC
Figure 37. 16-Lead Standard Small Outline Package [SOIC_W]
Wide Body (RW-16)
[S-Suffix]
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
OP400AY
−55°C to +125°C
14-Lead CERDIP
Y-Suffix (Q-14)
OP400EY
−25°C to +85°C
14-Lead CERDIP
Y-Suffix (Q-14)
OP400FY
−25°C to +85°C
14-Lead CERDIP
Y-Suffix (Q-14)
OP400GP
0°C to +70°C
14-Lead PDIP
P-Suffix (N-14)
OP400GPZ
0°C to +70°C
14-Lead PDIP
P-Suffix (N-14)
OP400HPZ
−40°C to +85°C
14-Lead PDIP
P-Suffix (N-14)
OP400GS
0°C to +70°C
16-Lead SOIC_W
S-Suffix (RW-16)
OP400GS-REEL
0°C to +70°C
16-Lead SOIC_W
S-Suffix (RW-16)
OP400GSZ
0°C to +70°C
16-Lead SOIC_W
S-Suffix (RW-16)
OP400GSZ-REEL
0°C to +70°C
16-Lead SOIC_W
S-Suffix (RW-16)
OP400HS
−40°C to +85°C
16-Lead SOIC_W
S-Suffix (RW-16)
OP400HS-REEL
−40°C to +85°C
16-Lead SOIC_W
S-Suffix (RW-16)
OP400HSZ
−40°C to +85°C
16-Lead SOIC_W
S-Suffix (RW-16)
OP400HSZ-REEL
−40°C to +85°C
16-Lead SOIC_W
S-Suffix (RW-16)
OP400GBC
Die
1
Z = RoHS Compliant Part.
SMD PARTS AND EQUIVALENTS
SMD Part Number1
Analog Devices Equivalent
5962-8777101M3A
OP400ATCMDA
5962-8777101MCA
OP400AYMDA
1
For military processed devices, please refer to the standard microcircuit
drawing (SMD) available at the Defense Supply Center Columbus website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com