Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP400 Datasheet(PDF) 12 Page - Analog Devices

Part # OP400
Description  Quad Low Offset, Low Power Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP400 Datasheet(HTML) 12 Page - Analog Devices

Back Button OP400 Datasheet HTML 8Page - Analog Devices OP400 Datasheet HTML 9Page - Analog Devices OP400 Datasheet HTML 10Page - Analog Devices OP400 Datasheet HTML 11Page - Analog Devices OP400 Datasheet HTML 12Page - Analog Devices OP400 Datasheet HTML 13Page - Analog Devices OP400 Datasheet HTML 14Page - Analog Devices OP400 Datasheet HTML 15Page - Analog Devices OP400 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
OP400
Data Sheet
Rev. H | Page 12 of 16
BIPOLAR CURRENT TRANSMITTER
In the circuit of Figure 32, which is an extension of the standard
three op amp instrumentation amplifier, the output current is
proportional to the differential input voltage. Maximum output
current is ±5 mA, with voltage compliance equal to ±10 V when
using ±15 V supplies. Output impedance of the current
transmitter exceeds 3 MΩ, and linearity is better than 16 bits
with gain set for a full-scale input of ±100 µV.
DIFFERENTIAL OUTPUT INSTRUMENTATION
AMPLIFIER
The output voltage swing of a single-ended instrumentation
amplifier is limited by the supplies, normally at ±15 V, to
a maximum of 24 V p-p. The differential output instrumenta-
tion amplifier shown in Figure 33 can provide an output voltage
swing of 48 V p-p when operated with ±15 V supplies. The
extended output swing is due to the opposite polarity of the
outputs. Both outputs swing 24 V p-p, but with opposite
polarity, for a total output voltage swing of 48 V p-p. The reference
input can be used to set a common-mode output voltage over the
range ±10 V. The PSRR of the amplifier is less than 1 µV/V with
CMRR (G = 1000) better than 115 dB. Offset voltage drift is
typically 0.4 µV/°C over the military temperature range.
–
+
VOUT
IOUT
5mA
IOUT
VIN
50,000
200Ω
200Ω
RG
25kΩ
25kΩ
25kΩ
25kΩ
25kΩ
25kΩ
RG
–
–
1
VIN
1/4
OP400E
+
–
1/4
OP400E
+
–
1/4
OP400E
+
–
1/4
OP400E
+
–
Figure 32. Bipolar Current Transmitter
–
+
VOUT
VIN
RG
25kΩ
25kΩ
25kΩ
25kΩ
25kΩ
22pF
22pF
22pF
22pF
25kΩ
25kΩ
25kΩ
VOUT
VIN
=
50kΩ + RG
RG
REFERENCE
INPUT
1/4
OP400A
+
–
1/4
OP400A
+
–
1/4
OP400A
+
–
1/4
OP400A
+
–
Figure 33. Differential Output Instrumentation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com