Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP400 Datasheet(PDF) 1 Page - Analog Devices

Part # OP400
Description  Quad Low Offset, Low Power Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP400 Datasheet(HTML) 1 Page - Analog Devices

  OP400 Datasheet HTML 1Page - Analog Devices OP400 Datasheet HTML 2Page - Analog Devices OP400 Datasheet HTML 3Page - Analog Devices OP400 Datasheet HTML 4Page - Analog Devices OP400 Datasheet HTML 5Page - Analog Devices OP400 Datasheet HTML 6Page - Analog Devices OP400 Datasheet HTML 7Page - Analog Devices OP400 Datasheet HTML 8Page - Analog Devices OP400 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Quad Low Offset, Low Power
Operational Amplifier
Data Sheet
OP400
Rev. H
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low input offset voltage: 150 µV maximum
Low offset voltage drift over –55°C to +125°C: 1.2 μV/°C
maximum
Low supply current (per amplifier): 725 µA maximum
High open-loop gain: 5000 V/mV minimum
Input bias current: 3 nA maximum
Low noise voltage density: 11 nV/√Hz at 1 kHz
Stable with large capacitive loads: 10 nF typical
Available in die form
FUNCTIONAL BLOCK DIAGRAMS
OUT A 1
–IN A 2
+IN A 3
V+
4
OUT D
–IN D
+IN D
V–
14
13
12
11
+IN B
5
–IN B
6
OUT B 7
+IN C
–IN C
OUT C
10
9
8
OP400
+
–
+
–
+
–
+
–
OUTA 1
–IN A 2
+IN A 3
V+
4
OUT D
–IN D
+IN D
V–
16
15
14
13
+IN B
5
–IN B
6
OUT B 7
+IN C
–IN C
OUT C
12
11
10
NC
8
NC
9
OP400
NC = NO CONNECT
+
–
+
–
+
–
+
–
Figure 1. 14-Pin Ceramic DIP (Y-Suffix)
and 14-Pin Plastic DIP (P-Suffix)
Figure 2. 16-Pin SOIC (S-Suffix)
GENERAL DESCRIPTION
The OP400 is the first monolithic quad operational amplifier
that features OP77-type performance. Precision performance is
not sacrificed with the OP400 to obtain the space and cost
savings offered by quad amplifiers.
The OP400 features an extremely low input offset voltage of less
than 150 µV with a drift of less than 1.2 µV/°C, guaranteed over
the full military temperature range. Open-loop gain of the
OP400 is more than 5 million into a 10 kΩ load, input bias
current is less than 3 nA, CMR is more than 120 dB, and PSRR
is less than 1.8 µV/V. On-chip Zener zap trimming is used to
achieve the low input offset voltage of the OP400 and eliminates
the need for offset nulling. The OP400 conforms to the industry-
standard quad pinout, which does not have null terminals.
The OP400 features low power consumption, drawing less than
725 µA per amplifier. The total current drawn by this quad
amplifier is less than that of a single OP07, yet the OP400 offers
significant improvements over this industry-standard op amp.
Voltage noise density of the OP400 is a low 11 nV/√Hz at
10 Hz, half that of most competitive devices.
The OP400 is an ideal choice for applications requiring multiple
precision operational amplifiers and where low power
consumption is critical.
VOLTAGE
LIMITING
NETWORK
+IN
–IN
V–
OUT
V+
BIAS
Figure 3. Simplified Schematic (One of Four Amplifiers Is Shown)


Similar Part No. - OP400

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP400 AD-OP400 Datasheet
234Kb / 12P
Quad Low-Offset, Low-Power Operational Amplifier
logo
Maxwell Technologies
OP400 MAXWELL-OP400 Datasheet
386Kb / 10P
Quad Low-Offset, Low-Power Operational Amplifier
logo
Analog Devices
OP400 AD-OP400 Datasheet
389Kb / 16P
Quad Low Offset, Low Power Operational Amplifier
Rev. E
OP400 AD-OP400 Datasheet
340Kb / 16P
Quad Low Offset, Low Power Operational Amplifier
Rev. H
OP400 AD-OP400 Datasheet
349Kb / 15P
Quad Low Offset, Low Power Operational Amplifier
Rev. I
More results

Similar Description - OP400

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-200 AD-OP-200 Datasheet
602Kb / 10P
DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP-400 AD-OP-400 Datasheet
372Kb / 12P
QUAD LOW-OFFSET, LOW-POWER OPERATIONAL AMPLIFIER
OP400 AD-OP400 Datasheet
234Kb / 12P
Quad Low-Offset, Low-Power Operational Amplifier
logo
Maxwell Technologies
OP400 MAXWELL-OP400 Datasheet
386Kb / 10P
Quad Low-Offset, Low-Power Operational Amplifier
logo
Analog Devices
OP400 AD-OP400_07 Datasheet
389Kb / 16P
Quad Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200_04 Datasheet
393Kb / 12P
Dual Low Offset, Low Power Operational Amplifier
REV. B
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP400ATC AD-OP400ATC Datasheet
340Kb / 16P
Quad Low Offset, Low Power Operational Amplifier
Rev. H
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP400 AD-OP400_15 Datasheet
340Kb / 16P
Quad Low Offset, Low Power Operational Amplifier
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com