Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP400 Datasheet(PDF) 10 Page - Analog Devices

Part # OP400
Description  Quad Low Offset, Low Power Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP400 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP400 Datasheet HTML 6Page - Analog Devices OP400 Datasheet HTML 7Page - Analog Devices OP400 Datasheet HTML 8Page - Analog Devices OP400 Datasheet HTML 9Page - Analog Devices OP400 Datasheet HTML 10Page - Analog Devices OP400 Datasheet HTML 11Page - Analog Devices OP400 Datasheet HTML 12Page - Analog Devices OP400 Datasheet HTML 13Page - Analog Devices OP400 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OP400
Data Sheet
Rev. H | Page 10 of 16
OUTPUT CURRENT (mA)
100
1k
10k
0.001
0.01
0.1
1
10
OP400
VSY = ±15V
TA = 25°C
VDD – V OH
VOL – V SS
20
Figure 28. Saturation Voltage vs. Output Current
100Ω
10kΩ
eOUT
TO SPECTRUM ANALYZER
1/4
OP400
+
–
1/4
OP400
+
–
1/4
OP400
+
–
1/4
OP400
+
–
eOUT
nV
Hz
(
) 2 × en
nV
Hz
(
) × 101
~
=
Figure 29. Noise Test Schematic
14
13
12
11
10
9
8
12
34
5
67
GND
+18V
–18V
–
+
–
+
4
1
3
2
V–
V+
Figure 30. Burn-In Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com