Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3521 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL3521
Description  Power-Distribution Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3521 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL3521 Datasheet HTML 3Page - Anpec Electronics Coropration APL3521 Datasheet HTML 4Page - Anpec Electronics Coropration APL3521 Datasheet HTML 5Page - Anpec Electronics Coropration APL3521 Datasheet HTML 6Page - Anpec Electronics Coropration APL3521 Datasheet HTML 7Page - Anpec Electronics Coropration APL3521 Datasheet HTML 8Page - Anpec Electronics Coropration APL3521 Datasheet HTML 9Page - Anpec Electronics Coropration APL3521 Datasheet HTML 10Page - Anpec Electronics Coropration APL3521 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Aug., 2012
APL3521
www.anpec.com.tw
7
Operating Waveforms
The test condition is V
IN=5V, TA= 25
oC unless otherwise specified.
Power On
Power Off
1
2
V
IN
V
OUT
3
I
OUT
Turn On Response
Turn Off Response
V
IN
1
2
V
OUT
3
I
OUT
V
OUT
V
EN
1
2
3
I
OUT
1
V
OUT
V
IN
I
OUT
2
3
TIME:5ms/Div
VIN =5V, RLOAD=30
Ω, C
IN =1
µF/MLCC,
COUT=100
µF/Electrolytic
CH1: VIN, 2V/Div, DC
CH2: VOUT, 2V/Div, DC
CH3: IOUT, 0.5A/Div, DC
TIME:20ms/Div
VIN =5V, RLOAD=30
Ω, C
IN =1
µF/MLCC,
COUT=100
µF/Electrolytic
CH1: VIN, 2V/Div, DC
CH2: VOUT, 2V/Div, DC
CH3: IOUT, 0.5A/Div, DC
TIME:0.5ms/Div
VIN =5V, RLOAD=30
Ω, C
IN =1
µF/MLCC,
COUT=100
µF/Electrolytic
CH1: VEN, 5V/Div, DC
CH2: VOUT, 2V/Div, DC
CH3: IOUT, 0.5A/Div, DC
TIME:1ms/Div
VIN =5V, RLOAD=30
Ω, C
IN =1
µF/MLCC,
COUT=100
µF/Electrolytic
CH1: VEN, 5V/Div, DC
CH2: VOUT, 2V/Div, DC
CH3: IOUT, 0.5A/Div, DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com