Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3521 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL3521
Description  Power-Distribution Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3521 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL3521 Datasheet HTML 1Page - Anpec Electronics Coropration APL3521 Datasheet HTML 2Page - Anpec Electronics Coropration APL3521 Datasheet HTML 3Page - Anpec Electronics Coropration APL3521 Datasheet HTML 4Page - Anpec Electronics Coropration APL3521 Datasheet HTML 5Page - Anpec Electronics Coropration APL3521 Datasheet HTML 6Page - Anpec Electronics Coropration APL3521 Datasheet HTML 7Page - Anpec Electronics Coropration APL3521 Datasheet HTML 8Page - Anpec Electronics Coropration APL3521 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Aug., 2012
APL3521
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Power-Distribution Switches
•
90m
Ω High Side MOSFET
•
2A Continuous Current
•
Built-in Soft-Start Control
•
Wide Supply Voltage Range: 2.7V to 5.5V
•
Current-Limit and Short-Circuit Protections
•
Under-Voltage Lockout Protection
•
Reverse Current Blocking when Switch Disabled
•
Over-Temperature Protection
•
Logic Level Enable Input
APL3521A: Active High
APL3521B: Active Low
•
Lead Free and Green Devices Available
(RoHS Compliant)
Features
General Description
Applications
•
TFT LCD Modules
•
Notebook and Desktop Computers
•
USB Ports
•
High-Side Power Protection Switches
Pin Configuration
Simplified Application Circuit
The APL3521A/B is a power-distribution switch with some
protection functions that can deliver current up to 2A. The
device incorporates a 90m
Ω N-channel MOSFET power
switch that is controlled by an enable logic.
The device integrates some protection features, includ-
ing current-limit protection, short-circuit protection, over-
temperature protection, and UVLO. The current-limit and
short-circuit protection can protect down-stream devices
from catastrophic failure by limiting the output current at
current-limit threshold during over-load or short-circuit
events. When V
OUT drops below VIN-1.5V the devices limit
the current to a lower and safe level. The over-tempera-
ture protection function shuts down the N-channel
MOSFET power switch when the junction temperature
rises beyond 140oC and will automatically turns on the
power switch when the temperature drops by 20oC. The
UVLO function keeps the power switch in off state until
there is a valid input voltage present.
The device is available in lead free SOT-23-5 packages
with enable active-high(EN) and active-low(ENB) versions.
GND 2
5 VIN
ENB 3
4 NC
VOUT 1
SOT-23-5
APL3521B
GND 2
5 VIN
EN 3
4 NC
VOUT 1
SOT-23-5
APL3521A
VIN
VOUT
GND
APL3521A/B
EN/ ENB
VIN
VOUT
EN
Control


Similar Part No. - APL3521

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
USB Dual Power-Distribution Switches
APL3520AAKI-TRG ANPEC-APL3520AAKI-TRG Datasheet
397Kb / 27P
USB Dual Power-Distribution Switches
APL3520AAQAI-TRG ANPEC-APL3520AAQAI-TRG Datasheet
397Kb / 27P
USB Dual Power-Distribution Switches
APL3520AAQBI-TRG ANPEC-APL3520AAQBI-TRG Datasheet
397Kb / 27P
USB Dual Power-Distribution Switches
APL3520AAXAI-TRG ANPEC-APL3520AAXAI-TRG Datasheet
397Kb / 27P
USB Dual Power-Distribution Switches
More results

Similar Description - APL3521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
POWER-DISTRIBUTION SWITCHES
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
POWER-DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
POWER DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
POWER-DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com