Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3521 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL3521
Description  Power-Distribution Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3521 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL3521 Datasheet HTML 1Page - Anpec Electronics Coropration APL3521 Datasheet HTML 2Page - Anpec Electronics Coropration APL3521 Datasheet HTML 3Page - Anpec Electronics Coropration APL3521 Datasheet HTML 4Page - Anpec Electronics Coropration APL3521 Datasheet HTML 5Page - Anpec Electronics Coropration APL3521 Datasheet HTML 6Page - Anpec Electronics Coropration APL3521 Datasheet HTML 7Page - Anpec Electronics Coropration APL3521 Datasheet HTML 8Page - Anpec Electronics Coropration APL3521 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Aug., 2012
APL3521
www.anpec.com.tw
4
Typical Operating Characteristics
Supply Current vs. Junction
Temperature
-50
0
50
100
150
Junction Temperature (oC)
V
IN =5V, RLOAD = Open,
C
IN =COUT =33µF/Electrolytic
IC Enabled
IC Disabled
0
20
40
60
80
100
Switch On Resistance vs. Input
Voltage
Input Voltage (V)
I
OUT=1.5A, CIN =1µF/X7R,
C
OUT =1µF/X7R, TA=25
oC
2.5
3.0
3.5
4.0
4.5
5.0
5.5
60
80
90
100
110
120
130
70
50
Switch On Resistance vs. Junction
Temperature
V
IN=3.3V
Junction Temperature (oC)
V
IN=5V
I
OUT=1.5A, CIN =1µF/X7R,
C
OUT =10µF/X7R
40
60
80
100
120
140
160
20
0
-50
0
50
100
150
Supply Current vs. Input Voltage
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
00
10
20
30
40
50
60
70
80
R
LOAD = Open,
C
IN =COUT =1µF/X7R, T
A=25
o
C
IC Disabled
IC Enabled
Current-Limit Threshold vs.
Junction Temperature
-50
0
50
100
150
Junction Temperature (oC)
2.0
2.8
3.0
3.2
3.4
3.6
3.8
V
IN =5V
2.6
2.4
2.2
Input Voltage (V)
Current-Limit Threshold vs.
Input Voltage
T
A =25
oC
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
2.5
3.0
3.5
4.0
4.5
5.0
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com