Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3521 Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL3521
Description  Power-Distribution Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3521 Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL3521 Datasheet HTML 7Page - Anpec Electronics Coropration APL3521 Datasheet HTML 8Page - Anpec Electronics Coropration APL3521 Datasheet HTML 9Page - Anpec Electronics Coropration APL3521 Datasheet HTML 10Page - Anpec Electronics Coropration APL3521 Datasheet HTML 11Page - Anpec Electronics Coropration APL3521 Datasheet HTML 12Page - Anpec Electronics Coropration APL3521 Datasheet HTML 13Page - Anpec Electronics Coropration APL3521 Datasheet HTML 14Page - Anpec Electronics Coropration APL3521 Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Aug., 2012
APL3521
www.anpec.com.tw
11
Function Description
VIN Under-Voltage Lockout (UVLO)
The APL3521A/B power switch is built-in an under-volt-
age lockout circuit to keep the output shut off until internal
circuitry is operating properly. The UVLO circuit has hys-
teresis and a de-glitch feature so that it will typically ig-
nore undershoot transients on the input. When input volt-
age exceeds the UVLO threshold, the output voltage starts
a soft-start to reduce the inrush current.
Power Switch
The power switch is an N-channel MOSFET with a low
R
DS(ON). The internal power MOSFET does not have the
body diode. When IC is off, the MOSFET prevents a cur-
rent flowing from the VOUT back to VIN and VIN to VOUT.
Current-Limit Protection
The APL3521A/B power switch provides the current-limit
protection function. During current-limit, the devices limit
output current at current-limit threshold. For reliable
operation, the device should not be operated in current-
limit for extended period.
Short-Circuit Protection
When the output voltage drops below V
IN-1.5V, which is
caused by the over load or short-circuit, the devices limit
the output current down to a safe level. The short circuit
current-limit is used to reduce the power dissipation dur-
ing short-circuit condition. If the junction temperature is
over the thermal shutdown temperature, the device will
enter the thermal shutdown.
Soft-Start
The APL3521 has a built-in soft start to control the rise
rate of the during start-up. The softstart time is 2ms when
V
IN=5V.
Enable/Disable
Pull the ENB above 2V, or EN below 0.8V to disable the
device and pull ENB pin below 0.8V or EN above 2V to
enable the device. When the IC is disabled, the supply
current is reduced to less than 1
µA. The enable input is
compatible with both TTL and CMOS logic levels. The
EN/ENB pins cannot be left floating.
Over-Temperature Protection
When the junction temperature exceeds 140oC, the inter-
nal thermal sense circuit turns off the power FET and
allows the device to cool down. When the device’s junc-
tion temperature cools by 20oC, the internal thermal
sense circuit will enable the device, resulting in a pulsed
output during continuous thermal protection. Thermal
protection is designed to protect the IC in the event of
over-temperature conditions. For normal operation, the
junction temperature cannot exceed T
J=+125
oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com