Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3521 Datasheet(PDF) 12 Page - Anpec Electronics Coropration

Part # APL3521
Description  Power-Distribution Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3521 Datasheet(HTML) 12 Page - Anpec Electronics Coropration

Back Button APL3521 Datasheet HTML 8Page - Anpec Electronics Coropration APL3521 Datasheet HTML 9Page - Anpec Electronics Coropration APL3521 Datasheet HTML 10Page - Anpec Electronics Coropration APL3521 Datasheet HTML 11Page - Anpec Electronics Coropration APL3521 Datasheet HTML 12Page - Anpec Electronics Coropration APL3521 Datasheet HTML 13Page - Anpec Electronics Coropration APL3521 Datasheet HTML 14Page - Anpec Electronics Coropration APL3521 Datasheet HTML 15Page - Anpec Electronics Coropration APL3521 Datasheet HTML 16Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Aug., 2012
APL3521
www.anpec.com.tw
12
Application Information
Input Capacitor
A 1
µF ceramic bypass capacitor from V
IN to GND, located
near the APL3521, is strongly recommended to suppress
the ringing during short-circuit fault event. Without the by-
pass capacitor, the output short may cause sufficient ring-
ing on the input (from supply lead inductance) to damage
internal control circuitry.
Output Capacitor
A low-ESR 10
µF MLCC, aluminum electrolytic or tanta-
lum between VOUT and GND is strongly recommended
to reduce the voltage droop during hot-attachment of
downstream peripheral. Higher-value output capacitor is
better when the output load is heavy. Additionally, bypass-
ing the output with a 0.1
µF ceramic capacitor improves
the immunity of the device to short-circuit transients.
Layout Consideration
The PCB layout should be carefully performed to maxi-
mize thermal dissipation and to minimize voltage drop,
droop and EMI. The following guidelines must be
considered:
1. Please place the input capacitors near the VIN pin as
close as possible.
2. Output decoupling capacitors for load must be placed
near the load as close as possible for decoupling high-
frequency ripples.
3. Locate APL3521 and output capacitors near the load to
reduce parasitic resistance and inductance for excel-
lent load transient performance.
4. The negative pins of the input and output capacitors
and the GND pin must be connected to the ground plane
of the load.
5. Keep V
IN and VOUT traces as wide and short as possible.
During soft-start process, the output bulk capacitor draws
inrush current from V
IN. If the inrush current reaches
foldback current-limit threshold, namely 0.8A, the output
current will be clamped in 0.8A level. It will take longer to
complete the soft-start process since the soft-start rate
is not controlled by internal soft-start anymore. When the
C
OUT meets the following formula, the soft-start will be
controlled by foldback current-limiting:
C
OUT > (0.8xtSS)/VIN
Where,
t
SS is 2ms.
If the soft-start rate is controlled by the foldback current-
limiting, the soft-start time can be got by the following
equation:
t
SS_Foldback = (COUT x VIN)/0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com