Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3521 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL3521
Description  Power-Distribution Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3521 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL3521 Datasheet HTML 1Page - Anpec Electronics Coropration APL3521 Datasheet HTML 2Page - Anpec Electronics Coropration APL3521 Datasheet HTML 3Page - Anpec Electronics Coropration APL3521 Datasheet HTML 4Page - Anpec Electronics Coropration APL3521 Datasheet HTML 5Page - Anpec Electronics Coropration APL3521 Datasheet HTML 6Page - Anpec Electronics Coropration APL3521 Datasheet HTML 7Page - Anpec Electronics Coropration APL3521 Datasheet HTML 8Page - Anpec Electronics Coropration APL3521 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Aug., 2012
APL3521
www.anpec.com.tw
5
Typical Operating Characteristics (Cont.)
EN Pin Threshold Voltage vs.
Junction Temperature
EN Falling
EN Rising
Junction Temperature (oC)
V
IN =5V, RLOAD =50Ω,
C
IN = COUT =33µF/Elctrolytic
-50
0
50
100
150
0.5
1.0
1.5
2.0
2.5
3.0
Turn-On Rising Time vs. Junction
Temperature
Junction Temperature (oC)
V
IN = 5V, RLOAD =30Ω,
C
IN = 1µF/X7R, COUT =33µF/Electrolytic
1.0
1.5
2.0
0.5
0.0
-50
0
50
100
150
EN Pin Threshold Voltage vs.
Input Voltage
Input Voltage (V)
EN Falling
EN Rising
R
LOAD =50Ω,
C
IN = COUT =33µF/
Elctrolytic, T
A=25
oC
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
0.8
0.9
1.0
1.1
1.2
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
IN UVLO Threshold Voltage vs.
Junction Temperature
Junction Temperature (oC)
I
OUT =15mA,
C
IN = 1µF/X7R, COUT =33µF/Electrolytic
1.2
1.6
2.0
2.4
2.8
3.2
0.8
-50
0
50
100
150
UVLO Rising
UVLO Falling
Short-Circuit Output Current vs.
Input Voltage
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
T
A=25
o
C
Current-Limit Response vs.
Output Peak Current
0
50
100
150
200
250
Output Peak Current (A)
V
IN =5V, T
A=25
o
C
0
2
4
6
8
10
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com