Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5331 Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL5331 Datasheet HTML 4Page - Anpec Electronics Coropration APL5331 Datasheet HTML 5Page - Anpec Electronics Coropration APL5331 Datasheet HTML 6Page - Anpec Electronics Coropration APL5331 Datasheet HTML 7Page - Anpec Electronics Coropration APL5331 Datasheet HTML 8Page - Anpec Electronics Coropration APL5331 Datasheet HTML 9Page - Anpec Electronics Coropration APL5331 Datasheet HTML 10Page - Anpec Electronics Coropration APL5331 Datasheet HTML 11Page - Anpec Electronics Coropration APL5331 Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - Mar., 2008
APL5331
www.anpec.com.tw
8
1.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
Typical Operating Characteristics (Cont.)
VCNTL-to-VOUT Dropout Voltage vs.
VCNTL Input Current
VCNTL Input Current, I
CNTL (mA)
VCNTL Input Current vs.
V
IN - VOUT Voltage at IOUT=2A
V
IN - VOUT Voltage (V)
VCNTL-to-VOUT Dropout Voltage vs.
VCNTL Input Current
VCNTL Input Current, I
CNTL (mA)
VCNTL Input Current vs.
V
IN - VOUT Voltage at IOUT=1.5A
V
IN - VOUT Voltage (V)
T
J=25°C
T
J=75°C
T
J=125°C
T
J=-25°C
T
J=25°C
T
J=75°C
T
J=125°C
T
J=-25°C
T
J=25°C
T
J=75°C
T
J=125°C
T
J=-25°C
T
J=25°C
T
J=75°C
T
J=125°C
T
J=-25°C
I
OUT= 1.5A
I
OUT = 1.5A
I
OUT = 2A
I
OUT = 2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com