Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5331 Datasheet(PDF) 15 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 15 Page - Anpec Electronics Coropration

Back Button APL5331 Datasheet HTML 11Page - Anpec Electronics Coropration APL5331 Datasheet HTML 12Page - Anpec Electronics Coropration APL5331 Datasheet HTML 13Page - Anpec Electronics Coropration APL5331 Datasheet HTML 14Page - Anpec Electronics Coropration APL5331 Datasheet HTML 15Page - Anpec Electronics Coropration APL5331 Datasheet HTML 16Page - Anpec Electronics Coropration APL5331 Datasheet HTML 17Page - Anpec Electronics Coropration APL5331 Datasheet HTML 18Page - Anpec Electronics Coropration APL5331 Datasheet HTML 19Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - Mar., 2008
APL5331
www.anpec.com.tw
15
regulation and load transient response. The negative pins
of the input and output capacitors and the GND pin of
the APL5331 should connect to analog ground plane
of the load.
See figure 1. The SOP-8P utilizes a bottom thermal
pad to minimize the thermal resistance of the package,
making the package suitable for high current
applications. The thermal pad is soldered to the top
ground pad and is connected to the internal or bottom
ground plane by several vias. The printed circuit board
(PCB) forms a heat sink and dissipates most of the
heat into the ambient air. The vias are recommended
to have proper size to retain solder, helping heat
conduction.
Thermal resistance consists of two main elements,
θJC (junction-to-case thermal resistance) and θCA (case-
to-ambient thermal resistance).
θJC is specified from
the IC junction to the bottom of the thermal pad
directly below the die.
θCA is the resistance from the
bottom of thermal pad to the ambient air and it includes
θCS (case-to-sink thermal resistance) and θSA (sink-to-
ambient thermal resistance). The specified path for
heat flow is the lowest resistance path and it dissipates
majority of the heat to the ambient air. Typically,
θCA is
the dominant thermal resistance. Therefore, enlarging
the internal or bottom ground plane reduces the
resistance
θCA . The relationship between power
dissipation and temperatures is the following equation:
PD = (TJ - TA) /
≤ θJA
where,
PD : Power dissipation
TJ : Junction Temperature
TA : Ambient Temperature
θJA: Junction-to-Ambient Thermal Resistance
Figure 2 shows a board layout using the SOP-8P
package. The demo board is made of FR-4 material
Figure 1 Package Top and side view
Layout and Thermal Consideration (Cont.)
PD (max) = (150 - 25) / 37
= 3.38W
and is a two-layer PCB. The size and thickness are
65mm* 65mm and 1.6mm. An area of 140mil*105mil
on the top layer is use as a thermal pad for the APL5331
and this is connected to the bottom layer by vias. The
bottom layer using 2 oz. copper acts as the ground
plane for the system. The PCB and all components on
the board form a heat sink. The
θ
JA of the APL5331
(SOP-8P) mounted on this demo board is about 37oC/W
in free air. Assuming the TA=25oC and the maximum
T
J= 150
oC (typical thermal limit temperature), the maxi-
mum power dissipation is calculated as :
Application Information (Cont.)
If the TJ is designed to be below 125oC, the calculated
power dissipation should be less than :
PD = (125 - 25) / 37
= 2.70W
Thermal
pad
Die
Top
ground
pad
Printed
circuit
board
Internal
ground
plane
Vias
Ambient
Air
118 mil
102 mil
SOP-8P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com