Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5331 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5331 Datasheet HTML 1Page - Anpec Electronics Coropration APL5331 Datasheet HTML 2Page - Anpec Electronics Coropration APL5331 Datasheet HTML 3Page - Anpec Electronics Coropration APL5331 Datasheet HTML 4Page - Anpec Electronics Coropration APL5331 Datasheet HTML 5Page - Anpec Electronics Coropration APL5331 Datasheet HTML 6Page - Anpec Electronics Coropration APL5331 Datasheet HTML 7Page - Anpec Electronics Coropration APL5331 Datasheet HTML 8Page - Anpec Electronics Coropration APL5331 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - Mar., 2008
APL5331
www.anpec.com.tw
3
Recommended Operating Conditions
Symbol
Parameter
Range
Unit
VCNTL
VCNTL Supply Voltage
(Note 1)
3.1 ~ 6
V
VIN
VIN Supply Voltage
(Note 2)
1.2 ~ 3.5
V
VOUT
VOUT Output Voltage
(Note 3)
VREF
± 0.02
V
IOUT
VOUT Output Current
(Note 4,5)
-3 ~ +3
A
TJ
Junction Temperature
0 ~ 125
oC
Notes :
1. Please refer to the VCNTL-to-VIN Dropout Voltage in the “Typical Characteristics” section for the minimum supply voltage on
VCNTL.
2. Please supply enough voltage to VIN for sourcing desired maximum output current. Please refer to the VIN. Dropout Voltage vs
Output Current in the Typical Characteristics.
3. The VOUT is regulated to the V
REF with additional voltage offset and load regulation except over-load conditions.
4. The symbol “+” means the VOUT sources current to load; the symbol “-“ means the VOUT sinks current to to GND.
5. The max. I
OUT varies with the TJ and the voltages of VIN-VOUT and VOUT. Please refer to the Typical Characteristics.
Electrical Characteristics
Refer to the typical application circuit. These specifications apply over, V
CNTL=3.3V, VIN=2.5V/1.8V, VREF=0.5VIN and TA = 0
to 70°C, unless otherwise specified. Typical values refer to T
A = 25°C.
APL5331
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VOUT
VOUT Output Voltage
IOUT = 0A
VREF
V
System Accuracy
Over temperature, VOUT offset, and
load regulation
-20
20
mV
IOUT = +10mA
-15
-8
VOS
VOUT Offset Voltage
(VOUT–VREF)
IOUT = -10mA
6
14
mV
IOUT = +10mA to +3A
-8
-3
Load Regulation
IOUT = -10mA to -3A
1
6
mV
PROTECTION
Sourcing Current
TJ = 25
°C
(VIN = 2.5V)
TJ = 125
°C
+3.3
+3.6
+3.1
Sourcing Current
TJ = 25
°C
(VIN = 2.5V)
TJ = 125
°C
-3.3
-3.6
-3.1
Sourcing Current
TJ = 25
°C
(VIN = 1.8V)
TJ = 125
°C
+2.9
+3.2
+2.6
ILIM
Current Limit
Sourcing Current
TJ = 25
°C
(VIN = 1.8V)
TJ = 125
°C
-2.9
-3.2
-2.6
A
TSD
Thermal Shutdown Temperature
Rising TJ
183
oC
Thermal Shutdown Hysteresis
42
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com