Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5331 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL5331 Datasheet HTML 9Page - Anpec Electronics Coropration APL5331 Datasheet HTML 10Page - Anpec Electronics Coropration APL5331 Datasheet HTML 11Page - Anpec Electronics Coropration APL5331 Datasheet HTML 12Page - Anpec Electronics Coropration APL5331 Datasheet HTML 13Page - Anpec Electronics Coropration APL5331 Datasheet HTML 14Page - Anpec Electronics Coropration APL5331 Datasheet HTML 15Page - Anpec Electronics Coropration APL5331 Datasheet HTML 16Page - Anpec Electronics Coropration APL5331 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - Mar., 2008
APL5331
www.anpec.com.tw
13
General
The APL5331 is a linear regulator and is capable of
sourcing or sinking current up to 3A. The APL5331
has fast transient response, accurate output voltage
(small voltage offset, load regulation), active-low
shutdown control and fault protections (current-limit,
thermal shutdown). The APL5331 is available in several
packages to meet different of power dissipation in
requirement various applications.
Output Voltage Regulation
The output voltage at VOUT pin tracks the reference
voltage applied at VREF pin. Two internal NPN pass
transistors controlled by separate high bandwidth
error amplifiers regulate the output voltage by sourcing
current from VIN pin or sinking current to GND pin.
The base currents of the pass transistors are provided
by VCNTL pin. An internal kelvin sensing scheme
senses the output voltage on VOUT pin for perfect
Application Information
load regulation. To prevent two pass transistors from
shoot-through, a small voltage offset is created between
the positive inputs of the two error amplifiers. This
results in higher output voltage while the regulator sinks
load current. Since the APL5331 exhibits very fast load
transient response, lesser amount of capacitors can be
used. In addition, capacitors with high ESR can also
be used.
Current Limit
The APL5331 monitors sourcing and sinking output
currents, and limits the maximum output currents to
prevent damages during overload or short-circuit
condition. To increase the voltage across the internal
pass transistors will get higher current-limit points.
Shutdown and Soft-Start
The VREF pin is a dual-function input pin, acting as
reference input and shutdown control input. Applying
and holding a voltage below 0.35V (typ.) to VREF pin
shuts down the output of the regulator. An NPN
transistor or N-channel MOSFET is used to pull down
the VREF voltage while applying a “high” signal to
turn on the transistor. When shutdown function is
active, both pass transistors are turned off and the
impedance of the VOUT is about 10m
Ω (typ.), sourcing
or sinking no current. When release the VREF pin,
the current through the resistor divider charges the
soft-start capacitor to initiate a soft-start process
which controls the rise rate of the output voltage and
limits the input surge current.
Thermal Shutdown
A thermal shutdown circuit lim its the junction
temperature of the APL5331. When the junction
temperature exceeds +183oC, a thermal sensor turns
off both pass transistors, allowing the device to cool
down. The regulator starts to regulate again after the
junction temperature reduces by 40oC, resulting in a
pulsed output during continuous thermal overload
conditions. The thermal limit designed with a 40oC
hysteresis lowers the average TJ during continuous
thermal overload conditions, and extends lifetime of
APL5331.
Power Inputs
It's not necessary to pay attention to the sequencing
of the input voltages on VIN and VCNTL pins. However,
do not apply a voltage to VOUT when the VCNTL
voltage is not present. This reason is that the internal
parasitic diodes connected from VOUT to VIN and from
VOUT to VCNTL will be forward biased. When the VIN
input voltage is not present, the APL5331 can only
source few current up to 100mA to output. In the same
condition, the APL5331 keeps same capability of
sinking output current up to 3A.
Shutdown and Soft-Start (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com