Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5331 Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL5331 Datasheet HTML 7Page - Anpec Electronics Coropration APL5331 Datasheet HTML 8Page - Anpec Electronics Coropration APL5331 Datasheet HTML 9Page - Anpec Electronics Coropration APL5331 Datasheet HTML 10Page - Anpec Electronics Coropration APL5331 Datasheet HTML 11Page - Anpec Electronics Coropration APL5331 Datasheet HTML 12Page - Anpec Electronics Coropration APL5331 Datasheet HTML 13Page - Anpec Electronics Coropration APL5331 Datasheet HTML 14Page - Anpec Electronics Coropration APL5331 Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - Mar., 2008
APL5331
www.anpec.com.tw
11
Block Diagram
Pin Description
PIN NAME
I/O
DESCRIPTION
VIN
I
Main power input pin. Connect this pin to a voltage source and an input capacitor. The
APL5331 sources current to VOUT pin by controlling the upper NPN pass transistor, providing
a current path from VIN pin.
GND
O
Power and signal ground. Connect this pin to system ground plane with shortest traces. The
APL5331 sinks current from VOUT pin by controlling the lower NPN pass transistor, providing
a current path to GND pin. This pin is also the ground path for internal control circuitry.
VCNTL
I
Power input pin for internal control circuitry. Connect this pin to a voltage source, providing a
bias for the internal control circuitry. A bypass capacitor is usually connected near this pin.
VREF
I
Reference voltage input and active-low shutdown control pin. Apply a voltage to this pin as a
reference voltage for the APL5331. Connect this pin to a resistor divider, between VIN and
GND, and a capacitor for soft-start and filtering noise purposes. Applying and holding this
VREF voltage low by an open-drain transistor to shut down the output.
VOUT
O
Output pin of the regulator. Connect this pin to load. The output capacitors connected to this
pin improve stability and transient response. The output voltage tracks the reference voltage
and is capable of sourcing or sinking current up to 3A.
GND
VOUT
VIN
VCNTL
VREF
Current
Limit
Thermal
Limit
Voltage
Regulation
Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com