Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5331 Datasheet(PDF) 19 Page - Anpec Electronics Coropration

Part # APL5331
Description  3A Bus Termination Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5331 Datasheet(HTML) 19 Page - Anpec Electronics Coropration

Back Button APL5331 Datasheet HTML 15Page - Anpec Electronics Coropration APL5331 Datasheet HTML 16Page - Anpec Electronics Coropration APL5331 Datasheet HTML 17Page - Anpec Electronics Coropration APL5331 Datasheet HTML 18Page - Anpec Electronics Coropration APL5331 Datasheet HTML 19Page - Anpec Electronics Coropration APL5331 Datasheet HTML 20Page - Anpec Electronics Coropration APL5331 Datasheet HTML 21Page - Anpec Electronics Coropration APL5331 Datasheet HTML 22Page - Anpec Electronics Coropration APL5331 Datasheet HTML 23Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - Mar., 2008
APL5331
www.anpec.com.tw
19
Package Information
TO-252-5
S
Y
M
B
O
L
MIN.
MAX.
2.39
4.32
5.46
0.46
0.61
0.13
5.33
A
A1
b3
c
c2
D
D1
E
MILLIMETERS
b
0.50
0.89
1.27 BSC
TO-252-5
4.57
6.35
6.73
6.22
0.050 BSC
MIN.
MAX.
INCHES
0.094
0.020
0.035
0.170
0.215
0.018
0.024
0.210
0.180
0.250
0.265
2.18
0.245
0.086
0.005
E1
0.035
0.070
0.410
L3
H
L
e
9.40
1.40
0.46
0.89
1.78
10.41
0.370
0.055
0.018
0.150
3.81
0.89
2.03
0.035
0.080
0
0
°
8
°
0
°
8
°
GAUGE PLANE
L
VIEW A
SEATING PLANE
E
b3
A
SEE VIEW A
c2
b
c
E1
e
6.00
6.00
0.236
0.236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com