Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9701 Datasheet(PDF) 11 Page - Peregrine Semiconductor

Part # PE9701
Description  3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE9701 Datasheet(HTML) 11 Page - Peregrine Semiconductor

Back Button PE9701 Datasheet HTML 5Page - Peregrine Semiconductor PE9701 Datasheet HTML 6Page - Peregrine Semiconductor PE9701 Datasheet HTML 7Page - Peregrine Semiconductor PE9701 Datasheet HTML 8Page - Peregrine Semiconductor PE9701 Datasheet HTML 9Page - Peregrine Semiconductor PE9701 Datasheet HTML 10Page - Peregrine Semiconductor PE9701 Datasheet HTML 11Page - Peregrine Semiconductor PE9701 Datasheet HTML 12Page - Peregrine Semiconductor PE9701 Datasheet HTML 13Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Product Specification
PE9701
Page 11 of 13
Document No. 70-0035-02
│ www.psemi.com
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
pin CP. The current pulses from pin CP are low
pass filtered externally and then connected to the
VCO tune voltage. PD_U pulses result in a
current source, which increases the VCO
frequency; PD_D pulses result in a current sink,
which decreases VCO frequency.
A lock detect output, LD is also provided, via the
pin Cext. Cext is the logical “NAND” of PD_U and
PD_D waveforms, which is driven through a series
2k
Ω resistor. Connecting Cext to an external
shunt capacitor provides integration. Cext also
drives the input of an internal inverting comparator
with an open drain output. Thus LD is an “AND”
function of PD_U and PD_D. See Figure 4 for a
schematic of this circuit.
Enhancement Register
The functions of the enhancement register bits are shown below with all bits active “high”.
Table 9. Enhancement Register Bit Functionality
** Program to 0
Phase Detector
The phase detector is triggered by rising edges
from the main Counter (fp) and the reference
counter (fc). It has two outputs, namely PD_U,
and PD_D. If the divided VCO leads the divided
reference in phase or frequency (fp leads fc),
PD_D pulses “high”. If the divided reference leads
the divided VCO in phase or frequency (fr leads
fp), PD_U pulses “high”. The width of either pulse
is directly proportional to phase offset between the
two input signals, fp and fc.
The signals from the phase detector couple
directly to a charge pump. PD_U controls a
current source at pin CP with constant amplitude
and pulse duration approximately the same as
PD_U. PD_D similarly drives a current sink at
Bit Function
Description
Bit 0
Reserved**
Bit 1
Reserved**
Bit 2
Reserved**
Bit 3
Power down
Power down of all functions except programming interface.
Bit 4
Counter load
Immediate and continuous load of counter programming as directed by the
Bmode and
Smode inputs.
Bit 5
MSEL output
Drives the internal dual modulus prescaler modulus select (MSEL) onto the Dout output.
Bit 6
Prescaler output
Drives the raw internal prescaler output (fmain) onto the Dout output.
Bit 7
fp, fc OE
fp, fc outputs disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com