Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9701 Datasheet(PDF) 12 Page - Peregrine Semiconductor

Part # PE9701
Description  3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE9701 Datasheet(HTML) 12 Page - Peregrine Semiconductor

Back Button PE9701 Datasheet HTML 5Page - Peregrine Semiconductor PE9701 Datasheet HTML 6Page - Peregrine Semiconductor PE9701 Datasheet HTML 7Page - Peregrine Semiconductor PE9701 Datasheet HTML 8Page - Peregrine Semiconductor PE9701 Datasheet HTML 9Page - Peregrine Semiconductor PE9701 Datasheet HTML 10Page - Peregrine Semiconductor PE9701 Datasheet HTML 11Page - Peregrine Semiconductor PE9701 Datasheet HTML 12Page - Peregrine Semiconductor PE9701 Datasheet HTML 13Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Product Specification
PE9701
Page 12 of 13
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0035-02
│ UltraCMOS™ RFIC Solutions
Figure 9. Package Drawing
44-lead CQFJ
Table 10. Ordering Information
All dimensions are in inches
Order Code
Part Marking
Description
Package
Shipping Method
9701-01
PE9701 ES
Engineering Samples
44-pin CQFJ
40 units / Tray
9701-11
PE9701
Flight Units
44-pin CQFJ
40 units / Tray
9701-00
PE9701 EK
Evaluation Kit
1 / Box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com