Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9701 Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # PE9701
Description  3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE9701 Datasheet(HTML) 1 Page - Peregrine Semiconductor

  PE9701 Datasheet HTML 1Page - Peregrine Semiconductor PE9701 Datasheet HTML 2Page - Peregrine Semiconductor PE9701 Datasheet HTML 3Page - Peregrine Semiconductor PE9701 Datasheet HTML 4Page - Peregrine Semiconductor PE9701 Datasheet HTML 5Page - Peregrine Semiconductor PE9701 Datasheet HTML 6Page - Peregrine Semiconductor PE9701 Datasheet HTML 7Page - Peregrine Semiconductor PE9701 Datasheet HTML 8Page - Peregrine Semiconductor PE9701 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Document No. 70-0035-02
│ www.psemi.com
Page 1 of 13
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Peregrine’s PE9701 is a high-performance integer-N PLL
capable of frequency synthesis up to 3.0 GHz. The device
is designed for superior phase noise performance while
providing an order of magnitude reduction in current
consumption, when compared with existing commercial
space PLLs.
The PE9701 features a 10/11 dual modulus prescaler,
counters, and a phase comparator as shown in Figure 1.
Counter values are programmable through either a serial or
parallel interface and can also be directly hard wired.
The PE9701 is optimized for commercial space
applications. Single Event Latch up (SEL) is physically
impossible and Single Event Upset (SEU) is better than
10-9 errors per bit / day. It is manufactured on Peregrine’s
UltraCMOS™ process, a patented variation of silicon-on-
insulator (SOI) technology on a sapphire substrate, offering
excellent RF performance and intrinsic radiation tolerance.
Product Specification
3000 MHz UltraCMOS™ Integer-N PLL
Rad Hard for Space Applications
Product Description
PE9701
Features
• 3.0 GHz operation
• ÷10/11 dual modulus prescaler
• Internal phase detector with charge
pump
• Serial, parallel or hardwired
programmable
• Ultra-low phase noise
• SEU < 10-9 errors / bit-day
• 100 Krad (Si) total dose
• 44-lead CQFJ
Figure 1. Block Diagram
F
in
F
in
Prescaler
10/11
20
Main
Counter
20
Secon-
dary
20-bit
Latch
20
Primary
20-bit
Latch
Pre_en
M(6:0)
A(3:0)
R(3:0)
16
20
R Counter
f
r
Phase
Detector
6
6
f
c
f
p
8
D(7:0)
13
Sdata
PD_U
PD_D
Charge
Pump
CP


Similar Part No. - PE9701

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Pasternack Enterprises,...
PE9701 PASTERNACK-PE9701 Datasheet
77Kb / 1P
FME PLUG TO UHF MALE
logo
Peregrine Semiconductor...
PE9701EK PEREGRINE-PE9701EK Datasheet
280Kb / 13P
3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
PE9701ES PEREGRINE-PE9701ES Datasheet
280Kb / 13P
3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
More results

Similar Description - PE9701

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9601 PEREGRINE-PE9601 Datasheet
258Kb / 14P
2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
PE9702 PEREGRINE-PE9702_06 Datasheet
260Kb / 13P
3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
PE97022 PEREGRINE-PE97022 Datasheet
355Kb / 14P
3500 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9601 PSEMI-PE9601 Datasheet
490Kb / 14P
2200 MHz UltraCMOS Integer-N PLL for Rad Hard Applications
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE9704 PSEMI-PE9704 Datasheet
248Kb / 10P
3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97042 PSEMI-PE97042 Datasheet
461Kb / 11P
3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com