Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9701 Datasheet(PDF) 4 Page - Peregrine Semiconductor

Part # PE9701
Description  3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE9701 Datasheet(HTML) 4 Page - Peregrine Semiconductor

  PE9701 Datasheet HTML 1Page - Peregrine Semiconductor PE9701 Datasheet HTML 2Page - Peregrine Semiconductor PE9701 Datasheet HTML 3Page - Peregrine Semiconductor PE9701 Datasheet HTML 4Page - Peregrine Semiconductor PE9701 Datasheet HTML 5Page - Peregrine Semiconductor PE9701 Datasheet HTML 6Page - Peregrine Semiconductor PE9701 Datasheet HTML 7Page - Peregrine Semiconductor PE9701 Datasheet HTML 8Page - Peregrine Semiconductor PE9701 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Product Specification
PE9701
Page 4 of 13
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0035-02
│ UltraCMOS™ RFIC Solutions
Table 1. Pin Descriptions (continued)
Note 1:
VDD pins 1, 11, 12, 23, 31, 33, 35, and 38 are connected by diodes and must be supplied with the same positive voltage level.
VDD pins 31 and 38 are used to enable test modes and should be left floating.
Note 2:
All digital input pins have 70 k
Ω pull-down resistors to ground.
Pin No.
Pin Name
Interface Mode
Type
Description
31
VDD-fp
ALL
(Note 1)
VDD for fp
32
Dout
Serial, Parallel
Output
Data Out. The MSEL signal and the raw prescaler output are available on Dout
through enhancement register programming.
33
VDD
ALL
(Note 1)
Same as pin 1.
34
Cext
ALL
Output
Logical “OR” of PD_U and PD_D terminated through an on chip, 2 k
Ω series resistor.
Connecting Cext to an external capacitor will low pass filter the input to the inverting
amplifier used for driving LD.
35
VDD
ALL
(Note 1)
Same as pin 1.
36
CP
ALL
Output
Charge pump current is sourced for “up” when fc leads fp and sinked for “down”
when fc lags fp.
37
NC
ALL
No connection.
38
VDD-fc
ALL
(Note 1)
VDD for fc
39
fc
ALL
Output
Monitor pin for reference divider output. Switching activity can be disabled through
enhancement register programming or by floating or grounding VDD pin 38.
40
GND
ALL
Ground.
41
GND
ALL
Ground.
42
fr
ALL
Input
Reference frequency input.
43
LD
ALL
Output,
OD
Lock detect and open drain logical inversion of Cext. When the loop is in lock, LD is
high impedance, otherwise LD is a logic low (“0”).
44
Enh
Serial, Parallel
Input
Enhancement mode. When asserted low (“0”), enhancement register bits are
functional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com