Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9701 Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # PE9701
Description  3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE9701 Datasheet(HTML) 3 Page - Peregrine Semiconductor

  PE9701 Datasheet HTML 1Page - Peregrine Semiconductor PE9701 Datasheet HTML 2Page - Peregrine Semiconductor PE9701 Datasheet HTML 3Page - Peregrine Semiconductor PE9701 Datasheet HTML 4Page - Peregrine Semiconductor PE9701 Datasheet HTML 5Page - Peregrine Semiconductor PE9701 Datasheet HTML 6Page - Peregrine Semiconductor PE9701 Datasheet HTML 7Page - Peregrine Semiconductor PE9701 Datasheet HTML 8Page - Peregrine Semiconductor PE9701 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Product Specification
PE9701
Page 3 of 13
Document No. 70-0035-02
│ www.psemi.com
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Table 1. Pin Descriptions (continued)
Pin No.
Pin Name
Interface Mode
Type
Description
14
Sdata
Serial
Input
Binary serial data input. Input data entered MSB first.
D5
Parallel
Input
Parallel data bus bit5.
M5
Direct
Input
M Counter bit5.
15
Sclk
Serial
Input
Serial clock input. Sdata is clocked serially into the 20-bit primary register (E_WR
“low”) or the 8-bit enhancement register (E_WR “high”) on the rising edge of Sclk.
D6
Parallel
Input
Parallel data bus bit6.
M6
Direct
Input
M Counter bit6.
16
FSELS
Serial
Input
Selects contents of primary register (FSELS=1) or secondary register (FSELS=0) for
programming of internal counters while in Serial Interface Mode.
D7
Parallel
Input
Parallel data bus bit7 (MSB).
Pre_en
Direct
Input
Prescaler enable, active “low”. When “high”, Fin bypasses the prescaler.
17
GND
ALL
Ground.
18
FSELP
Parallel
Input
Selects contents of primary register (FSELP=1) or secondary register (FSELP=0) for
programming of internal counters while in Parallel Interface Mode.
A0
Direct
Input
A Counter bit0 (LSB).
19
E_WR
Serial
Input
Enhancement register write enable. While E_WR is “high”, Sdata can be serially
clocked into the enhancement register on the rising edge of Sclk.
Parallel
Input
Enhancement register write. D[7:0] are latched into the enhancement register on the
rising edge of E_WR.
A1
Direct
Input
A Counter bit1.
20
M2_WR
Parallel
Input
M2 write. D[3:0] are latched into the primary register (R[5:4], M[8:7]) on the rising
edge of M2_WR.
A2
Direct
Input
A Counter bit2.
21
Smode
Serial, Parallel
Input
Selects serial bus interface mode (
Bmode=0, Smode=1) or Parallel Interface Mode
(Bmode=0, Smode=0).
A3
Direct
Input
A Counter bit3 (MSB).
22
Bmode
ALL
Input
Selects direct interface mode (
Bmode=1).
23
VDD
ALL
(Note 1)
Same as pin 1.
24
M1_WR
Parallel
Input
M1 write. D[7:0] are latched into the primary register (
Pre_en, M[6:0]) on the rising
edge of M1_WR.
25
A_WR
Parallel
Input
A write. D[7:0] are latched into the primary register (R[3:0], A[3:0]) on the rising edge
of A_WR.
26
Hop_WR
Serial, Parallel
Input
Hop write. The contents of the primary register are latched into the secondary
register on the rising edge of Hop_WR.
27
Fin
ALL
Input
Prescaler input from the VCO. 3.0 GHz max frequency.
28
Fin
ALL
Input
Prescaler complementary input. A bypass capacitor in series with a 51
Ω resistor
should be placed as close as possible to this pin and be connected directly to the
ground plane.
29
GND
ALL
Ground.
30
fp
ALL
Output
Monitor pin for main divider output. Switching activity can be disabled through
enhancement register programming or by floating or grounding VDD pin 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com