Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9701 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE9701
Description  3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE9701 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE9701 Datasheet HTML 1Page - Peregrine Semiconductor PE9701 Datasheet HTML 2Page - Peregrine Semiconductor PE9701 Datasheet HTML 3Page - Peregrine Semiconductor PE9701 Datasheet HTML 4Page - Peregrine Semiconductor PE9701 Datasheet HTML 5Page - Peregrine Semiconductor PE9701 Datasheet HTML 6Page - Peregrine Semiconductor PE9701 Datasheet HTML 7Page - Peregrine Semiconductor PE9701 Datasheet HTML 8Page - Peregrine Semiconductor PE9701 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Product Specification
PE9701
Page 2 of 13
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0035-02
│ UltraCMOS™ RFIC Solutions
Table 1. Pin Descriptions
Figure 2. Pin Configurations (Top View)
44-lead CQFJ
Figure 3. Package Type
11
12
13
14
15
16
17
10
9
8
7
6
54321 44 43 42 41 40
35
34
33
32
31
30
29
36
37
38
39
18 19 20 21 22 23 24 25 26 27 28
D
0, M0
D
1, M1
D
2, M2
D
3, M3
V
DD
V
DD
S_WR, D
4, M4
Sdata, D
5, M5
Sclk, D
6, M6
FSELS, D
7, Pre_en
GND
GND
f
p
V
DD_fp
D
out
V
DD
C
ext
V
DD
CP
N/C
V
DD_fc
f
c
Pin No.
Pin Name
Interface Mode
Type
Description
1
VDD
ALL
(Note 1)
Power supply input. Input may range from 2.85 V to 3.15 V. Bypassing
recommended.
2
R0
Direct
Input
R Counter bit0 (LSB).
3
R1
Direct
Input
R Counter bit1.
4
R2
Direct
Input
R Counter bit2.
5
R3
Direct
Input
R Counter bit3.
6
GND
ALL
(Note 1)
Ground.
7
D0
Parallel
Input
Parallel data bus bit0 (LSB).
M0
Direct
Input
M Counter bit0 (LSB).
8
D1
Parallel
Input
Parallel data bus bit1.
M1
Direct
Input
M Counter bit1.
9
D2
Parallel
Input
Parallel data bus bit2.
M2
Direct
Input
M Counter bit2.
10
D3
Parallel
Input
Parallel data bus bit3.
M3
Direct
Input
M Counter bit3.
11
VDD
ALL
(Note 1)
Same as pin 1.
12
VDD
ALL
(Note 1)
Same as pin 1.
13
S_WR
Serial
Input
Serial load enable input. While S_WR is “low”, Sdata can be serially clocked.
Primary register data is transferred to the secondary register on S_WR or Hop_WR
rising edge.
D4
Parallel
Input
Parallel data bus bit4
M4
Direct
Input
M Counter bit4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com