Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 32 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 32 Page - TDK Electronics

Back Button C2012 Datasheet HTML 28Page - TDK Electronics C2012 Datasheet HTML 29Page - TDK Electronics C2012 Datasheet HTML 30Page - TDK Electronics C2012 Datasheet HTML 31Page - TDK Electronics C2012 Datasheet HTML 32Page - TDK Electronics C2012 Datasheet HTML 33Page - TDK Electronics C2012 Datasheet HTML 34Page - TDK Electronics C2012 Datasheet HTML 35Page - TDK Electronics C2012 Datasheet HTML 36Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 34
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C1608C0G1H681J
C0G
50V
680
± 5%
0.80 ± 0.10
C1608C0G1H751J
C0G
50V
750
± 5%
0.80 ± 0.10
C1608C0G1H821J
C0G
50V
820
± 5%
0.80 ± 0.10
C1608C0G1H911J
C0G
50V
910
± 5%
0.80 ± 0.10
C1608C0G1H102J
C0G
50V
1,000
± 5%
0.80 ± 0.10
C1608C0G1H122J
C0G
50V
1,200
± 5%
0.80 ± 0.10
C1608C0G1H152J
C0G
50V
1,500
± 5%
0.80 ± 0.10
C1608C0G1H182J
C0G
50V
1,800
± 5%
0.80 ± 0.10
C1608C0G1H222J
C0G
50V
2,200
± 5%
0.80 ± 0.10
C1608C0G1H272J
C0G
50V
2,700
± 5%
0.80 ± 0.10
C1608C0G1H332J
C0G
50V
3,300
± 5%
0.80 ± 0.10
C1608C0G1H392J
C0G
50V
3,900
± 5%
0.80 ± 0.10
C1608C0G1H472J
C0G
50V
4,700
± 5%
0.80 ± 0.10
C1608C0G1H562J
C0G
50V
5,600
± 5%
0.80 ± 0.10
C1608C0G1H682J
C0G
50V
6,800
± 5%
0.80 ± 0.10
C1608C0G1H822J
C0G
50V
8,200
± 5%
0.80 ± 0.10
C1608C0G1H103J
C0G
50V
10,000
± 5%
0.80 ± 0.10
C1608C0G1E392J
C0G
25V
3,900
± 5%
0.80 ± 0.10
C1608C0G1E472J
C0G
25V
4,700
± 5%
0.80 ± 0.10
C1608C0G1E562J
C0G
25V
5,600
± 5%
0.80 ± 0.10
C1608C0G1E682J
C0G
25V
6,800
± 5%
0.80 ± 0.10
C1608C0G1E822J
C0G
25V
8,200
± 5%
0.80 ± 0.10
C1608C0G1E103J
C0G
25V
10,000
± 5%
0.80 ± 0.10
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to 125ºC, 0±30 ppm/ºC)
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C1608X7R1H101K
X7R
50V
100
± 10%
0.80 ± 0.10
C1608X7R1H101M
X7R
50V
100
± 20%
0.80 ± 0.10
C1608X7R1H221K
X7R
50V
220
± 10%
0.80 ± 0.10
C1608X7R1H221M
X7R
50V
220
± 20%
0.80 ± 0.10
C1608X7R1H331K
X7R
50V
330
± 10%
0.80 ± 0.10
C1608X7R1H331M
X7R
50V
330
± 20%
0.80 ± 0.10
C1608X7R1H471K
X7R
50V
470
± 10%
0.80 ± 0.10
C1608X7R1H471M
X7R
50V
470
± 20%
0.80 ± 0.10
C1608X7R1H681K
X7R
50V
680
± 10%
0.80 ± 0.10
C1608X7R1H681M
X7R
50V
680
± 20%
0.80 ± 0.10
C1608X7R1H102J
X7R
50V
1,000
± 5%
0.80 ± 0.10
C1608X7R1H102K
X7R
50V
1,000
± 10%
0.80 ± 0.10
C1608X7R1H102M
X7R
50V
1,000
± 20%
0.80 ± 0.10
C1608X7R1H152K
X7R
50V
1,500
± 10%
0.80 ± 0.10
C1608X7R1H152M
X7R
50V
1,500
± 20%
0.80 ± 0.10
C1608X7R1H222K
X7R
50V
2,200
± 10%
0.80 ± 0.10
C1608X7R1H222M
X7R
50V
2,200
± 20%
0.80 ± 0.10
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
Capacitance
Range Table
C1608 [EIA CC0603]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com