Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 41 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 41 Page - TDK Electronics

Back Button C2012 Datasheet HTML 37Page - TDK Electronics C2012 Datasheet HTML 38Page - TDK Electronics C2012 Datasheet HTML 39Page - TDK Electronics C2012 Datasheet HTML 40Page - TDK Electronics C2012 Datasheet HTML 41Page - TDK Electronics C2012 Datasheet HTML 42Page - TDK Electronics C2012 Datasheet HTML 43Page - TDK Electronics C2012 Datasheet HTML 44Page - TDK Electronics C2012 Datasheet HTML 45Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 43
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C2012C0G1H100D
C0G
50V
10
± 0.50pF
0.60 ± 0.10
C2012C0G1H101J
C0G
50V
100
± 5%
0.60 ± 0.10
C2012C0G1H121J
C0G
50V
120
± 5%
0.60 ± 0.10
C2012C0G1H151J
C0G
50V
150
± 5%
0.60 ± 0.10
C2012C0G1H181J
C0G
50V
180
± 5%
0.60 ± 0.10
C2012C0G1H221J
C0G
50V
220
± 5%
0.60 ± 0.10
C2012C0G1H271J
C0G
50V
270
± 5%
0.60 ± 0.10
C2012C0G1H331J
C0G
50V
330
± 5%
0.60 ± 0.10
C2012C0G1H391J
C0G
50V
390
± 5%
0.60 ± 0.10
C2012C0G1H471J
C0G
50V
470
± 5%
0.60 ± 0.10
C2012C0G1H561J
C0G
50V
560
± 5%
0.60 ± 0.10
C2012C0G1H681J
C0G
50V
680
± 5%
0.60 ± 0.10
C2012C0G1H821J
C0G
50V
820
± 5%
0.60 ± 0.10
C2012C0G1H102J
C0G
50V
1,000
± 5%
0.60 ± 0.10
C2012C0G1H122J
C0G
50V
1,200
± 5%
0.60 ± 0.10
C2012C0G1H152J
C0G
50V
1,500
± 5%
0.60 ± 0.10
C2012C0G1H182J/0.60
C0G
50V
1,800
± 5%
0.60 ± 0.10
C2012C0G1H182J/0.85
C0G
50V
1,800
± 5%
0.85 ± 0.10
C2012C0G1H222J/0.60
C0G
50V
2,200
± 5%
0.60 ± 0.10
C2012C0G1H222J/0.85
C0G
50V
2,200
± 5%
0.85 ± 0.10
C2012C0G1H272J/0.60
C0G
50V
2,700
± 5%
0.60 ± 0.10
C2012C0G1H272J/1.25
C0G
50V
2,700
± 5%
1.25 ± 0.20
C2012C0G1H332J/0.60
C0G
50V
3,300
± 5%
0.60 ± 0.10
C2012C0G1H332J/1.25
C0G
50V
3,300
± 5%
1.25 ± 0.20
C2012C0G1H392J/0.60
C0G
50V
3,900
± 5%
0.60 ± 0.10
C2012C0G1H392J/0.85
C0G
50V
3,900
± 5%
0.85 ± 0.10
C2012C0G1H472J/0.60
C0G
50V
4,700
± 5%
0.60 ± 0.10
C2012C0G1H472J/0.85
C0G
50V
4,700
± 5%
0.85 ± 0.10
C2012C0G1H562J/0.60
C0G
50V
5,600
± 5%
0.60 ± 0.10
C2012C0G1H562J/0.85
C0G
50V
5,600
± 5%
0.85 ± 0.10
C2012C0G1H682J/0.60
C0G
50V
6,800
± 5%
0.60 ± 0.10
C2012C0G1H682J/1.25
C0G
50V
6,800
± 5%
1.25 ± 0.20
C2012C0G1H822J/0.60
C0G
50V
8,200
± 5%
0.60 ± 0.10
C2012C0G1H822J/1.25
C0G
50V
8,200
± 5%
1.25 ± 0.20
C2012C0G1H103J/0.60
C0G
50V
10,000
± 5%
0.60 ± 0.10
C2012C0G1H103J/1.25
C0G
50V
10,000
± 5%
1.25 ± 0.20
C2012C0G1H153J
C0G
50V
15,000
± 5%
0.85 ± 0.10
C2012C0G1H223J
C0G
50V
22,000
± 5%
1.25 ± 0.20
C2012C0G1H333J
C0G
50V
33,000
± 5%
1.25 ± 0.20
C2012C0G1E392J
C0G
25V
3,900
± 5%
0.60 ± 0.10
C2012C0G1E472J
C0G
25V
4,700
± 5%
0.60 ± 0.10
C2012C0G1E562J
C0G
25V
5,600
± 5%
0.60 ± 0.10
C2012C0G1E682J
C0G
25V
6,800
± 5%
0.60 ± 0.10
C2012C0G1E822J
C0G
25V
8,200
± 5%
0.60 ± 0.10
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to 125ºC, 0±30 ppm/ºC)
Capacitance
Range Table
C2012 [EIA CC0805]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com