Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 65 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 65 Page - TDK Electronics

Back Button C2012 Datasheet HTML 61Page - TDK Electronics C2012 Datasheet HTML 62Page - TDK Electronics C2012 Datasheet HTML 63Page - TDK Electronics C2012 Datasheet HTML 64Page - TDK Electronics C2012 Datasheet HTML 65Page - TDK Electronics C2012 Datasheet HTML 66Page - TDK Electronics C2012 Datasheet HTML 67Page - TDK Electronics C2012 Datasheet HTML 68Page - TDK Electronics C2012 Datasheet HTML 69Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 67
General
Specifications
C Series – General Application
No.
Item
Performance
Test or Inspection Method
13
Vibration
Reflow solder the capacitor on P.C. board (shown in
Appendix 1a or Appendix 1b) before testing.
Vibrate the capacitor with amplitude of 1.5mm P-P
changing the frequencies from 10Hz to 55Hz and back
to 10Hz after 1min. Repeat this for 2h each in 3
perpendicular directions.
External
appearance
No mechanical damage.
Capacitance
Q (Class 1)
C : Rated capacitance (pF)
D.F. (Class 2)
Meet the initial spec.
14
Temperature cycle
Reflow solder the capacitor on P.C. board (shown in
Appendix 1a or Appendix 1b) before testing.
Expose the capacitor in the condition step1 through
step 4 and repeat 5 times consecutively.
Leave the capacitor in ambient conditions for 6 to 24h
(Class 1) or 24±2h (Class 2) before measurement.
External
appearance
No mechanical damage.
Capacitance
Q (Class 1)
C : Rated capacitance (pF)
D.F. (Class 2)
Meet the initial spec.
Insulation
Resistance
Meet the initial spec.
Voltage
Proof
No insulation breakdown or other
damage.
Characteristics
Change from the
value before test
Class 1
C0G
±
2.5% or ±0.25pF,
whichever larger.
Class 2
X5R
X7R
Y5V
±
7.5 %
±
7.5 %
±
20 %
Rated
Capacitance
Q
C ≥ 30pF
1,000 min.
C < 30pF
400+20×C min.
Rated
Capacitance
Q
C ≥ 30pF
1,000 min.
C < 30pF
400+20×C min.
Characteristics
Change from the
value before test
Class 1
C0G
±
2.5% or ±0.25pF,
whichever larger.
Class 2
X5R
X7R
Y5V
±
15 %
±
15 %
±
20 %
Step
Temperature (ºC)
Time (min.)
1
Min. operating temp. ±3
30 ± 3
2
Reference Temp.
2 – 5
3
Max. operating temp. ± 2
30 ± 2
4
Reference Temp.
2 - 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com