Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 7 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 7 Page - TDK Electronics

Back Button C2012 Datasheet HTML 3Page - TDK Electronics C2012 Datasheet HTML 4Page - TDK Electronics C2012 Datasheet HTML 5Page - TDK Electronics C2012 Datasheet HTML 6Page - TDK Electronics C2012 Datasheet HTML 7Page - TDK Electronics C2012 Datasheet HTML 8Page - TDK Electronics C2012 Datasheet HTML 9Page - TDK Electronics C2012 Datasheet HTML 10Page - TDK Electronics C2012 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 9
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C0402C0G1C100E
C0G
16V
10
± 0.20pF
0.20 ± 0.02
C0402C0G1C100D
C0G
16V
10
± 0.50pF
0.20 ± 0.02
C0402C0G1C110G
C0G
16V
11
± 2%
0.20 ± 0.02
C0402C0G1C110J
C0G
16V
11
± 5%
0.20 ± 0.02
C0402C0G1C120G
C0G
16V
12
± 2%
0.20 ± 0.02
C0402C0G1C120J
C0G
16V
12
± 5%
0.20 ± 0.02
C0402C0G1C130G
C0G
16V
13
± 2%
0.20 ± 0.02
C0402C0G1C130J
C0G
16V
13
± 5%
0.20 ± 0.02
C0402C0G1C150G
C0G
16V
15
± 2%
0.20 ± 0.02
C0402C0G1C150J
C0G
16V
15
± 5%
0.20 ± 0.02
C0402C0G1C160G
C0G
16V
16
± 2%
0.20 ± 0.02
C0402C0G1C160J
C0G
16V
16
± 5%
0.20 ± 0.02
C0402C0G1C180G
C0G
16V
18
± 2%
0.20 ± 0.02
C0402C0G1C180J
C0G
16V
18
± 5%
0.20 ± 0.02
C0402C0G1C200G
C0G
16V
20
± 2%
0.20 ± 0.02
C0402C0G1C200J
C0G
16V
20
± 5%
0.20 ± 0.02
C0402C0G1C220G
C0G
16V
22
± 2%
0.20 ± 0.02
C0402C0G1C220J
C0G
16V
22
± 5%
0.20 ± 0.02
C0402C0G1C240G
C0G
16V
24
± 2%
0.20 ± 0.02
C0402C0G1C240J
C0G
16V
24
± 5%
0.20 ± 0.02
C0402C0G1C270G
C0G
16V
27
± 2%
0.20 ± 0.02
C0402C0G1C270J
C0G
16V
27
± 5%
0.20 ± 0.02
C0402C0G1C300G
C0G
16V
30
± 2%
0.20 ± 0.02
C0402C0G1C300J
C0G
16V
30
± 5%
0.20 ± 0.02
C0402C0G1C330G
C0G
16V
33
± 2%
0.20 ± 0.02
C0402C0G1C330J
C0G
16V
33
± 5%
0.20 ± 0.02
C0402C0G1C360G
C0G
16V
36
± 2%
0.20 ± 0.02
C0402C0G1C360J
C0G
16V
36
± 5%
0.20 ± 0.02
C0402C0G1C390G
C0G
16V
39
± 2%
0.20 ± 0.02
C0402C0G1C390J
C0G
16V
39
± 5%
0.20 ± 0.02
C0402C0G1C430G
C0G
16V
43
± 2%
0.20 ± 0.02
C0402C0G1C430J
C0G
16V
43
± 5%
0.20 ± 0.02
C0402C0G1C470G
C0G
16V
47
± 2%
0.20 ± 0.02
C0402C0G1C470J
C0G
16V
47
± 5%
0.20 ± 0.02
C0402C0G1C510G
C0G
16V
51
± 2%
0.20 ± 0.02
C0402C0G1C510J
C0G
16V
51
± 5%
0.20 ± 0.02
C0402C0G1C560G
C0G
16V
56
± 2%
0.20 ± 0.02
C0402C0G1C560J
C0G
16V
56
± 5%
0.20 ± 0.02
C0402C0G1C620G
C0G
16V
62
± 2%
0.20 ± 0.02
C0402C0G1C620J
C0G
16V
62
± 5%
0.20 ± 0.02
C0402C0G1C680G
C0G
16V
68
± 2%
0.20 ± 0.02
C0402C0G1C680J
C0G
16V
68
± 5%
0.20 ± 0.02
C0402C0G1C750G
C0G
16V
75
± 2%
0.20 ± 0.02
C0402C0G1C750J
C0G
16V
75
± 5%
0.20 ± 0.02
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to 125ºC, 0±30 ppm/ºC)
Capacitance
Range Table
C0402 [EIA CC01005]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com