Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 49 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 49 Page - TDK Electronics

Back Button C2012 Datasheet HTML 45Page - TDK Electronics C2012 Datasheet HTML 46Page - TDK Electronics C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics C2012 Datasheet HTML 49Page - TDK Electronics C2012 Datasheet HTML 50Page - TDK Electronics C2012 Datasheet HTML 51Page - TDK Electronics C2012 Datasheet HTML 52Page - TDK Electronics C2012 Datasheet HTML 53Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 51
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C3216C0G1H392J
C0G
50V
3,900
± 5%
0.60 ± 0.10
C3216C0G1H472J/0.60
C0G
50V
4,700
± 5%
0.60 ± 0.10
C3216C0G1H472J/0.85
C0G
50V
4,700
± 5%
0.85 ± 0.10
C3216C0G1H562J/0.60
C0G
50V
5,600
± 5%
0.60 ± 0.10
C3216C0G1H562J/0.85
C0G
50V
5,600
± 5%
0.85 ± 0.10
C3216C0G1H682J/0.60
C0G
50V
6,800
± 5%
0.60 ± 0.10
C3216C0G1H822J/0.60
C0G
50V
8,200
± 5%
0.60 ± 0.10
C3216C0G1H822J/0.85
C0G
50V
8,200
± 5%
0.85 ± 0.10
C3216C0G1H822J/1.15
C0G
50V
8,200
± 5%
1.15 ± 0.10
C3216C0G1H103J/0.60
C0G
50V
10,000
± 5%
0.60 ± 0.10
C3216C0G1H103J/1.15
C0G
50V
10,000
± 5%
1.15 ± 0.10
C3216C0G1H153J/0.60
C0G
50V
15,000
± 5%
0.60 ± 0.10
C3216C0G1H153J/1.15
C0G
50V
15,000
± 5%
1.15 ± 0.10
C3216C0G1H223J/0.60
C0G
50V
22,000
± 5%
0.60 ± 0.10
C3216C0G1H223J/1.15
C0G
50V
22,000
± 5%
1.15 ± 0.10
C3216C0G1H333J/0.85
C0G
50V
33,000
± 5%
0.85 ± 0.10
C3216C0G1H333J/1.60
C0G
50V
33,000
± 5%
1.60 ± 0.30
C3216C0G1H473J
C0G
50V
47,000
± 5%
1.15 ± 0.10
C3216C0G1H683J
C0G
50V
68,000
± 5%
1.60 ± 0.30
C3216C0G1H104J
C0G
50V
100,000
± 5%
1.60 ± 0.30
C3216C0G1E822J
C0G
25V
8,200
± 5%
0.60 ± 0.20
C3216C0G1E103J
C0G
25V
10,000
± 5%
0.60 ± 0.20
C3216C0G1E153J
C0G
25V
15,000
± 5%
0.60 ± 0.20
C3216C0G1E223J
C0G
25V
22,000
± 5%
0.60 ± 0.10
C3216C0G1E333J
C0G
25V
33,000
± 5%
0.85 ± 0.10
C3216C0G1E473J
C0G
25V
47,000
± 5%
1.15 ± 0.10
C3216C0G1E683J
C0G
25V
68,000
± 5%
1.60 ± 0.30
C3216C0G1E104J
C0G
25V
100,000
± 5%
1.60 ± 0.30
C3216SL1A224J
SL
10V
220,000
± 5%
1.60 ± 0.30
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to 125ºC, 0±30 ppm/ºC), SL (-25 to +85ºC, +350/-1000 ppm/ºC)
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
C3216X7R1H104K
X7R
50V
100,000
± 10%
0.85 ± 0.10
C3216X7R1H104M
X7R
50V
100,000
± 20%
0.85 ± 0.10
C3216X7R1H224K
X7R
50V
220,000
± 10%
1.15 ± 0.10
C3216X7R1H224M
X7R
50V
220,000
± 20%
1.15 ± 0.10
C3216X7R1H334K
X7R
50V
330,000
± 10%
1.60 ± 0.30
C3216X7R1H334M
X7R
50V
330,000
± 20%
1.60 ± 0.30
C3216X7R1H474K
X7R
50V
470,000
± 10%
1.60 ± 0.30
C3216X7R1H474M
X7R
50V
470,000
± 20%
1.60 ± 0.30
C3216X7R1H684K
X7R
50V
680,000
± 10%
1.60 ± 0.30
C3216X7R1H684M
X7R
50V
680,000
± 20%
1.60 ± 0.30
C3216X7R1H105K
X7R
50V
1,000,000
± 10%
1.60 ± 0.30
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
Capacitance
Range Table
C3216 [EIA CC1206]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com