Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 72 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 72 Page - TDK Electronics

Back Button C2012 Datasheet HTML 64Page - TDK Electronics C2012 Datasheet HTML 65Page - TDK Electronics C2012 Datasheet HTML 66Page - TDK Electronics C2012 Datasheet HTML 67Page - TDK Electronics C2012 Datasheet HTML 68Page - TDK Electronics C2012 Datasheet HTML 69Page - TDK Electronics C2012 Datasheet HTML 70Page - TDK Electronics C2012 Datasheet HTML 71Page - TDK Electronics C2012 Datasheet HTML 72Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 72 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 74
Additional
Information
C Series – General Application
• Shape & Dimensions
TDK Corporation established internal product environmental
assurance standards that include the six hazardous
substances banned by the EU RoHS Directive1 enforced on
July 1, 2006 along with additional substances independently
banned by TDK and has successfully completed making
general purpose electronic components conform to the
RoHS Directive2.
L
B
G
B
W
T
Terminal electrode
Ceramic dielectric
Internal electrode
3
4
5
1
2
No.
NAME
MATERIAL
Class 1
Class 2
(1)
Ceramic Dielectric
CaZrO3
BaTiO3
(2)
Internal Electrode
Nickel (Ni)
(3)
Termination
Copper (Cu)
(4)
Nickel (Ni)
(5)
Tin (Sn)
• Inside Structure & Material System
Case Code
Dimensions (mm)
JIS
EIA
L
W
T
B
G
C0402
CC01005
0.40
0.20
0.20
0.10
0.13 min.
C0603
CC0201
0.60
0.30
0.30
0.15
0.20 min.
C1005
CC0402
1.00
0.50
0.50
0.25
0.35 min.
C1608
CC0603
1.60
0.80
0.50
0.30
0.50 min.
0.80
0.20 min.
C2012
CC0805
2.00
1.20
0.60
0.20 min. 0.50 min.
0.80
0.85
1.25
C3216
CC1206
3.20
1.60
0.60
0.20 min. 1.00 min.
0.85
1.15
1.30
1.60
C3225
CC1210
3.20
2.50
1.15
0.20 min.
1.00 min
1.25
0.30 min.
1.30
1.60
0.20 min.
2.00
2.30
0.30 min.
2.50
C4532
CC1812
4.50
3.20
1.30
0.30 min.
2.00 min
1.60
0.20 min
2.00
2.30
2.50
0.30 min.
2.80
3.20
C5750
CC2220
5.70
5.0
1.60
0.20 min. 2.00 min.
2.00
2.30
2.50
2.80
• Environmental Information
1.
Abbreviation for Restriction on Hazardous
Substances, which refers to the regulation EU
Directive 2002/95/EC on hazardous substances by
the European Union (EU) effective from July 1, 2006.
The Directive bans the use of six specific hazardous
substances in electric and electronic devices and
products handled within the EU. The six substances
are lead, mercury, cadmium, hexavalent chromium,
PBB (polybrominated biphenyls), and PBDE
(polybrominated diphenyl ethers).
2.
This means that, in conformity with the EU Directive
2002/95/EC, lead, cadmium, mercury, hexavalent
chromium, and specific bromine-based flame
retardants, PBB and PBDE, have not been used,
except for exempted applications.
For REACH (SVHC : 15 substances according to ECHA /
October 2008) : All TDK MLCC do not contain these
15 substances.
For European Directive 2000/53/CE and 2005/673/CE :
Cadmium, Hexavalent Chromium, Mercury, Lead are
not contained in all TDK MLCC.
For European Directive 2003/11/CE : Pentabromodiphenyl-
ether, Octabromodiphenyl-ether are not contained in
all TDK MLCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com