Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2207DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2207DN
Description  16V, 4A, 1.3MHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2207DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2207DN Datasheet HTML 1Page - Monolithic Power Systems MP2207DN Datasheet HTML 2Page - Monolithic Power Systems MP2207DN Datasheet HTML 3Page - Monolithic Power Systems MP2207DN Datasheet HTML 4Page - Monolithic Power Systems MP2207DN Datasheet HTML 5Page - Monolithic Power Systems MP2207DN Datasheet HTML 6Page - Monolithic Power Systems MP2207DN Datasheet HTML 7Page - Monolithic Power Systems MP2207DN Datasheet HTML 8Page - Monolithic Power Systems MP2207DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP2207 – 16V, 4A, 1.3MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2207 Rev. 0.92
www.MonolithicPower.com
3
9/1/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5)
VCC = 3.6V, VIN=12V, TA = +25°C, unless otherwise noted.
Parameters
Condition
Min
Typ
Max
Units
VCC Supply Current
VEN = VCC
VFB = 0.85V
750
μA
VCC Shutdown Current
VEN = 0V, VCC= 6V
1
μA
VCC Under Voltage Lockout
Threshold
Rising Edge
2.8
2.95
V
VCC Under Voltage Lockout
Hysteresis
200
mV
IN Shutdown Current
VEN = 0V
4
μA
IN Under Voltage Lockout
Threshold, Rising Edge
2.85
2.95
V
IN Under Voltage Lockout
Hysteresis
300
mV
Regulated FB Voltage
TA = +25°C
0.780
0.800
0.820
V
–40°C ≤ TA ≤ +85°C
0.772
0.828
V
FB Input Current
VFB = 0.85V
-50
50
nA
EN High Threshold
–40°C ≤ TA ≤ +85°C
1.6
V
EN Low Threshold
–40°C ≤ TA ≤ +85°C
0.4
V
Internal Soft-Start Time
120
µs
High-Side Switch On-Resistance ISW = 300mA
80
mΩ
Low-Side Switch On-Resistance
ISW = –300mA
80
mΩ
SW Leakage Current
VEN = 0V; VIN = 12V
VSW = 0V or 12V
–10
10
μA
BS Under Voltage Lockout
Threshold
1.8
V
High-Side Switch Current Limit
Sourcing
6.5
A
Low-Side Switch Current Limit
Sinking
3.5
A
Oscillator Frequency
1
1.3
1.6
MHz
Maximum Synch Frequency
2
MHz
Minimum Synch Frequency
1
MHz
Minimum On Time
50
ns
Maximum Duty Cycle
90
%
Thermal Shutdown Threshold
Hysteresis = 20°C
150
°C
Note:
5) Production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com