Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2207DN Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2207DN
Description  16V, 4A, 1.3MHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2207DN Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2207DN Datasheet HTML 6Page - Monolithic Power Systems MP2207DN Datasheet HTML 7Page - Monolithic Power Systems MP2207DN Datasheet HTML 8Page - Monolithic Power Systems MP2207DN Datasheet HTML 9Page - Monolithic Power Systems MP2207DN Datasheet HTML 10Page - Monolithic Power Systems MP2207DN Datasheet HTML 11Page - Monolithic Power Systems MP2207DN Datasheet HTML 12Page - Monolithic Power Systems MP2207DN Datasheet HTML 13Page - Monolithic Power Systems MP2207DN Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP2207 – 16V, 4A, 1.3MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2207 Rev. 0.92
www.MonolithicPower.com
11
9/1/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2010 MPS. All Rights Reserved.
PCB LAYOUT
PCB layout is very important to achieve stable
operation. It is highly recommended to duplicate
EVB layout for optimum performance. If change
is necessary, please follow these guidelines as
follows. Here, the typical application circuit is
taken as an example to illustrate the key layout
rules should be followed.
1) For MP2207, a PCB layout with >=4 layers is
recommended.
2) The high current paths (GND, IN and SW)
should be placed very close to the device with
short, direct and wide traces.
3) Two input ceramic capacitors (10μF~22μF)
are strongly recommended to be placed on both
sides of the MP2207DQ package and keep them
as close as possible to the “IN” and “GND” pins.
4) A RC low pass filter is recommended for VCC
supply. The Vcc decoupling capacitor must be
placed as close as possible to “VCC” pin and
“GND” pin.
5) The external feedback resistors shall be
placed next to the FB pin. Keep the FB trace as
short as possible.
6) Keep the switching node SW short and away
from the feedback network.
Top Layer
Inner Layer 2
Inner Layer 1
Bottom Layer
Figure 2 —Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com