Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2207DN Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2207DN
Description  16V, 4A, 1.3MHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2207DN Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2207DN Datasheet HTML 2Page - Monolithic Power Systems MP2207DN Datasheet HTML 3Page - Monolithic Power Systems MP2207DN Datasheet HTML 4Page - Monolithic Power Systems MP2207DN Datasheet HTML 5Page - Monolithic Power Systems MP2207DN Datasheet HTML 6Page - Monolithic Power Systems MP2207DN Datasheet HTML 7Page - Monolithic Power Systems MP2207DN Datasheet HTML 8Page - Monolithic Power Systems MP2207DN Datasheet HTML 9Page - Monolithic Power Systems MP2207DN Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MP2207 – 16V, 4A, 1.3MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2207 Rev. 0.92
www.MonolithicPower.com
6
9/1/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 5V, VOUT = 1.8V, TA = +25ºC, unless otherwise noted. (continued)
VOUT/AC
20mV/div
VSW
5V/div
IINDUCTOR
2A/div
VOUT/AC
200mV/div
IINDUCTOR
2A/div
VOUT/AC
200mV/div
IINDUCTOR
2A/div
400ns/div
Switching Waveform
At VCC=5V
VIN=12V, VOUT=1.8V, IOUT=4A
0
75
80
85
90
95
100
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
Efficiency vs.
Load Current
Efficiency vs.
Load Current
Efficiency vs.
Load Current
75
80
85
90
95
100
75
80
85
90
95
100
LOAD CURRENT (A)
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
LOAD CURRENT (A)
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
LOAD CURRENT (A)
VOUT=5V
VCC=3.3V
VOUT=3.3V
VCC=5V
VOUT=3.3V
VCC=3.3V
VIN=8V
VIN=8V
VIN=8V
VIN=12V
VIN=12V
VIN=12V
VIN=16V
VIN=16V
VIN=16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com