Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2207DN Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2207DN
Description  16V, 4A, 1.3MHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2207DN Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2207DN Datasheet HTML 6Page - Monolithic Power Systems MP2207DN Datasheet HTML 7Page - Monolithic Power Systems MP2207DN Datasheet HTML 8Page - Monolithic Power Systems MP2207DN Datasheet HTML 9Page - Monolithic Power Systems MP2207DN Datasheet HTML 10Page - Monolithic Power Systems MP2207DN Datasheet HTML 11Page - Monolithic Power Systems MP2207DN Datasheet HTML 12Page - Monolithic Power Systems MP2207DN Datasheet HTML 13Page - Monolithic Power Systems MP2207DN Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP2207 – 16V, 4A, 1.3MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2207 Rev. 0.92
www.MonolithicPower.com
10
9/1/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2010 MPS. All Rights Reserved.
Output Capacitor Selection
The output capacitor keeps output voltage ripple
small and ensures regulation loop stable. The
output capacitor impedance shall be low at the
switching frequency. Ceramic capacitors with
X5R or X7R dielectrics are recommended. If
electrolytic capacitor is used, pay attention to
output ripple voltage, extra heating, and the
selection of feedback resistor R1 (refer to “Output
Voltage Setting” section) due to large ESR of
electrolytic capacitor. The output ripple ∆VOUT is
approximately:
OUT
IN
OUT
OUT
IN
OSC
OSC
Vx(V
V
)
1
V
x(ESR
)
V xf
xL
8xf
xC3
−
Δ≤
+
External Schottky Diode
For this part, an external schottky diode is
recommended to be placed close to "SW" and
"GND" pins, especially when the output current is
larger than 2A.
With the external schottky diode, the voltage
spike and negative kick on "SW" pin can be
minimized; moreover, the conversion efficiency
can also be improved a little.
For the external schottky diode selection, it's
noteworthy that the maximum reverse voltage
rating of the external diode should be larger than
the maximum input voltage. As for the current
rating of this diode, 0.5A rating should be
sufficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com